Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2026 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA2026
Description  3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2026 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA2026 Datasheet HTML 5Page - RF Micro Devices RFPA2026 Datasheet HTML 6Page - RF Micro Devices RFPA2026 Datasheet HTML 7Page - RF Micro Devices RFPA2026 Datasheet HTML 8Page - RF Micro Devices RFPA2026 Datasheet HTML 9Page - RF Micro Devices RFPA2026 Datasheet HTML 10Page - RF Micro Devices RFPA2026 Datasheet HTML 11Page - RF Micro Devices RFPA2026 Datasheet HTML 12Page - RF Micro Devices RFPA2026 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140915
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 25
RFPA2026
Evaluation Board Bill of Materials (BOM) 728MHz to 768MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA2026 Evaluation Board
Dynamic Details (DDI) Toronto
RFPA2026-411(A)
700MHz to 2700MHz PA, 2W, 35dB Gain,
Ext. Match
U1
RFMD
RFPA2026
CAP, 10µF, 10%, 10V, TANT-A
C1, C9
AVC Corporation
TAJA106K010RNJ
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C10
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 82pF, 5%, 50V, COG, 0402
C3, C6, C11, C19, C22
Murata Electronics
GRM1555C1H820JZ01D
CAP, 68pF, 5%, 50V, COG, 0402
C4
Murata Electronics
GRM1555C1H680JZ01D
CAP, 56pF, 5%, 50V, COG, 0402
C8
Murata Electronics
GRM1555C1H560JZ01D
CAP, 3.9pF, +/-0.25pF, 50V, C0G, 0402
C12
Murata Electronics
GRM1555C1H3R9CA01D
CAP, 12pF, 5%, 50V, HI-Q, 0402
C13
Murata Electronics
GJM1555C1H120JB01E
CAP, 100pF, 5%, 50V, C0G, 0402
C14
Murata Electronics
GRM1555C1H101JA01D
CAP, 0.3pF, +/-0.05pF, 50V, HI-Q, 0402
C15
Murata Electronics
GJM1555C1HR30WB01D
CAP, 0.1µF, 10%, 16V, X7R, 0402
C20,C21
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, 4-HOLE PANEL MOUNT
JACK
J1, J2
Gigalane Co., Ltd.
PAF-S00-000
IND, 24nH, 5%, W/W, 0603
L1, L6
Coilcraft, Inc.
0603HC-24NXJLW
IND, 8.2nH, 5%, M/L, 0402
L4
Toko Inc.
LL1005-FHL8N2J
IND, 15nH, 5%, M/L, 0402
L5
Toko Inc.
LL1005-FH15NJ
IND, 1.5nH, +/-0.1nH, T/F, 0402
L2
Murata Electronics
LQP15MN1N5B02D
IND, 1.8nH, +/-0.3nH, M/L, 0402
L7
Toko Inc.
LL1005-FH1N8S
CONN, HDR, ST, PLRZD, 5-PIN, 0.100"
P1
ITW Pancon
MPSS100-5-C
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P2
ITW Pancon
MPSS100-6-C
RES, 10Ω, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-100JTH
RES, 1.3K, 5%, 1/16W, 0402
R3
Panasonic Industrial Sales
ERJ-2GEJ132
RES, 1.2K, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-122JTH
RES, 0Ω, 0402
R5
Kamaya, Inc
RMC1/16SJPTH
HEATSINK, BLOCK, TEST FIX, 1.5" x 2.0"
Wells Machining
EEF-101217
SCREW, 2-56 x 3/16", SOCKET HEAD
S1-S9
McMaster-Carr Supply Co.
92196A076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com