Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2089 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2089
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2089 Datasheet HTML 1Page - RF Micro Devices RFPA2089 Datasheet HTML 2Page - RF Micro Devices RFPA2089 Datasheet HTML 3Page - RF Micro Devices RFPA2089 Datasheet HTML 4Page - RF Micro Devices RFPA2089 Datasheet HTML 5Page - RF Micro Devices RFPA2089 Datasheet HTML 6Page - RF Micro Devices RFPA2089 Datasheet HTML 7Page - RF Micro Devices RFPA2089 Datasheet HTML 8Page - RF Micro Devices RFPA2089 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RFPA2089
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VD)
6.0
V
DC Supply Current (ID)185
mA
CW Input Power, 2:1 Output VSWR
20
dBm
Output Load VSWR at P3dB
5:1
Operating Junction Temperature
150
°C
Operating Temperature Range (TL)
-40 to +85
°C
Storage Temperature
-55 to +150
°C
ESD Rating – Human Body Model
(HBM)
Class 2
Moisture Sensitivity Level
MSL 2
Notes:
1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
860MHz to 894MHz
VCC = 5.0V, ICQ = 138mA
Frequency
860
880
894
MHz
EVB tuned for optimum 60dBc ACPR
Input Power (Pin)
6
dBm
Max recommended continuous input power,
VCC < 5.25V, Load VSWR < 2:1
Gain (S21)
23.2
dB
P1dB
24
dBm
EVB tuned for linear operation
Input Return Loss (S11)
20
dB
Output Return Loss (S22)
13
dB
Noise Figure
5.9
dB
WCDMA Channel Power at -60dBc
ACPR
12
dBm
3GPP 3.5, Test Model 1, 64 DPCH
UMTS 2100MHz
VCC = 5.0V, ICQ = 138mA
Frequency
2.11
2.14
2.17
GHz
EVB tuned for optimum 60dBc ACPR
Input Power (Pin)
11
dBm
Max recommended continuous input power,
VCC < 5.25V, Load VSWR < 2:1
Gain (S21)
19.2
dB
P1dB
24.7
dBm
EVB tuned for linear operation
Input Return Loss (S11)
17
dB
Output Return Loss (S22)
12
dB
Noise Figure
3.7
dB
WCDMA Channel Power at -60dBc
ACPR
13
dBm
3GPP 3.5, Test Model 1, 64 DPCH
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000 ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com