Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2089 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2089
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2089 Datasheet HTML 1Page - RF Micro Devices RFPA2089 Datasheet HTML 2Page - RF Micro Devices RFPA2089 Datasheet HTML 3Page - RF Micro Devices RFPA2089 Datasheet HTML 4Page - RF Micro Devices RFPA2089 Datasheet HTML 5Page - RF Micro Devices RFPA2089 Datasheet HTML 6Page - RF Micro Devices RFPA2089 Datasheet HTML 7Page - RF Micro Devices RFPA2089 Datasheet HTML 8Page - RF Micro Devices RFPA2089 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Ordering Information
BiFET HBT
1
2
3
4
RF Input
GND RF Output
GND
RFPA2089
InGaP HBT POWER AMPLIFIER
0.25W, 50MHz to 2700MHz
The RFPA2089 is a single-stage InGaP HBT power amplifier specifically designed
for wireless infrastructure applications. It offers high-gain linear operation at a com-
parably low DC power making it ideal for next generation radios requiring high effi-
ciency. Its external matching allows for use across various radio platforms.
Features
„ -60dBc ACPR at 13dBm WCDMA
„ 0.25W Output Power (P1dB)
„ Excellent Linearity to DC Power
Ratio
„ High Gain: 17.5dB at 2.65GHz
„ Single-Supply 5V Operation
„ Class 2 (2000V) HBM ESD
Applications
„ Driver Amplifier for Base Station
Transceivers
„ PA Stage for Commercial
Wireless Infrastructure
„ IF Amplifier
„ GSM, DCS, PCS, UMTS, WiMAX,
LTE Transceiver Applications
DS130211
9
Package: SOT-89
RFPA2089
InGaP HBT
Power Ampli-
fier 0.25W,
50MHz to
2700MHz
RFPA2089SR
7” Reel with 100 pieces
RFPA2089SQ
Sample bag with 25 pieces
RFPA2089TR13
13” Reel with 2500 pieces
RFPA2089PCK-410 2.11GHz to 2.17GHz PCBA with 5-piece sample bag
RFPA2089PCK-411 2.6GHz to 2.7GHz PCBA with 5-piece sample bag
RFPA2089PCK-412 869MHz to 894MHz PCBA with 5-piece sample bag


Similar Part No. - RFPA2089

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2089

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier 50MHz to 850MHz
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com