Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2016TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2016TR13
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2016TR13 Datasheet HTML 1Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 2Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 3Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 4Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 5Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 6Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 7Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 8Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 25
RFPA2016
3-Stage Power Amplifier, 1W
700MHz to 2700MHz
The RFPA2016 is a 3-stage HBT power amplifier module with
high gain and excellent efficiency. External matching and bias
control allows the RFPA2016 to be optimized for various
applications including small-cell power amplifiers and ultra-linear
driver amplifiers within 700MHz and 2700MHz. Users can also
bypass the first stage to reduce gain and power consumption.
8
9
1
2
3
4
5
6
7
10
11
12
13
14
21
20
19
18
17
16
15
28
27
26
25
24
23
22
VREG2
VPC_OUT
E-pad
GND
RFIN2
AMP2
BIAS
SWITCH
DETECTOR
GND
RFOUT2/Vcc2
GND
RFOUT2/Vcc2
RFIN3
RFIN3
DET_OUT
VBIAS
VREG3
VREG1
VPC_EN
VBIAS
VBIAS
VBIAS
VBIAS
VREG3
VREG1
VREG2
VBIAS
Functional Block Diagram
Ordering Information
RFPA2016SQ
Sample bag with 25 pieces
RFPA2016SR
7" Reel with 100 pieces
RFPA2016TR13
13" Reel with 2500 pieces
RFPA2016PCK-410
728MHz to 768MHz PCBA with 5-piece sample
bag
RFPA2016PCK-411
2110MHz to 2170MHz PCBA with 5-piece sample
bag
RFPA2016PCK-412
2620MHz to 2690MHz PCBA with 5-piece sample
bag
Package: MCM, 28-pin,
6.0mm x 6.0mm
Features
■
WCDMA Power at 2140MHz =
21dBm with -45dBc ACPR
■
Flexible External Matching for
Band Selection
■
Gain = 36dB at 2140MHz
■
P1dB = 31dBm at 2140MHz
■
5V Supply
■
Independent Bias Control for Each
Stage
■
Power-down Capability
■
Integrated Power Detector
Applications
■
2G, 3G, and 4G Air Interfaces
■
Picocell, Femtocell Power Amplifier
Module
■
Driver Amplifier for Commercial
Wireless Infrastructure
RFPA2016


Similar Part No. - RFPA2016TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-410 RFMD-RFPA2013PCK-410 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-411 RFMD-RFPA2013PCK-411 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-412 RFMD-RFPA2013PCK-412 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
More results

Similar Description - RFPA2016TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com