Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2016TR13 Datasheet(PDF) 23 Page - RF Micro Devices

Part # RFPA2016TR13
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016TR13 Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RFPA2016TR13 Datasheet HTML 17Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 18Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 19Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 20Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 21Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 22Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 23Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 24Page - RF Micro Devices RFPA2016TR13 Datasheet HTML 25Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
23 of 25
RFPA2016
Pin Names and Descriptions
Pin
Name
Description
1
RFIN3
RF Input for stage 3, must be DC blocked
2
RFIN3
RF Input for stage 3, must be DC blocked
3
RFOUT2/VCC2
RF Output and collector supply for stage 2
4
RFOUT2/VCC2
RF Output and collector supply for stage 2
5
GND
Ground
6
GND
Ground
7
RFIN2
RF Input for stage 2, must be DC blocked
8
RFOUT1/VCC1
RF Output and collector supply for stage 1
9
GND
Ground
10
GND
Ground
11
GND
Ground
12
GND
Ground
13
RFIN1
RF Input for stage 1, must be DC blocked
14
GND
Ground
15
VPC_EN
VPC enable (low = shutdown)
16
VPC_OUT
VPC output to amplifier VREG resistors
17
VREG1
Stage 1 VREG
18
VREG2
Stage 2 VREG
19
VREG3
Stage 3 VREG
20
VBIAS
VCC supply to detector VPC switch, and amplifier VBIAS pins
21
DET_OUT
Detector output voltage
22
DET_IN
RF Input to detector
23
GND
Ground
24
GND
Ground
25
RFOUT3/VCC3
RF Output and collector supply for stage 3
26
RFOUT3/VCC3
RF Output and collector supply for stage 3
27
GND
Ground
28
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com