Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6945_15 Datasheet HTML 9Page - Linear Technology LTC6945_15 Datasheet HTML 10Page - Linear Technology LTC6945_15 Datasheet HTML 11Page - Linear Technology LTC6945_15 Datasheet HTML 12Page - Linear Technology LTC6945_15 Datasheet HTML 13Page - Linear Technology LTC6945_15 Datasheet HTML 14Page - Linear Technology LTC6945_15 Datasheet HTML 15Page - Linear Technology LTC6945_15 Datasheet HTML 16Page - Linear Technology LTC6945_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6945
13
6945fa
For more information www.linear.com/LTC6945
operaTion
Figure 7. Simplified RF Interface Schematic
bits, allowing a pre-charge of the loop to a known state,
if required. CPUP, CPDN, and CPRST must be set to “0”
to allow the loop to lock.
The CPWIDE bit extends the charge pump output current
pulse width by increasing the PFD reset path’s delay value
(see Figure 3). CPWIDE is normally set to 0.
VCO INPUT BUFFER
TheVCOfrequencyisapplieddifferentiallyonpinsVCO+and
VCO–. The inputs are self-biased and must be AC-coupled.
Alternatively, the inputs may be used single-ended by ap-
plying the VCO frequency at VCO+ and bypassing VCO– to
GND with a capacitor. Each input provides a single-ended
OUTPUT (O) DIVIDER
The 3-bit O divider can reduce the frequency from the VCO
input buffer to the RF output buffer to extend the output
frequency range. Its divide ratio O may be set to any in-
teger from 1 to 6, inclusive, outputting a 50% duty cycle
even with odd divide values. Use the OD[2:0] bits found
in register h08 to directly program the 0 divide ratio. See
the Applications Information section for the relationship
between O and the fREF, fPFD, fVCO and fRF frequencies.
RF OUTPUT BUFFER
The low noise, differential output buffer produces a dif-
ferential output power of –6dBm to 3dBm, settable with
bits RFO[1:0] according to Table 7. The outputs may be
combined externally, or used individually. Terminate any
unused output with a 50Ω resistor to VRF+.
Table 7. RFO[1:0] Programming
RFO[1:0}
PRF (Differential)
PRF (Single-Ended)
0
–6dBm
–9dBm
1
–3dBm
–6dBm
2
0dBm
–3dBm
3
3dBm
0dBm
Each output is open collector with 136Ω pull-up resistors
to VRF+, easing impedance matching at high frequencies.
See Figure 7 for circuit details and the Applications Infor-
mation section for matching guidelines. The buffer may be
muted with either the OMUTE bit, found in register h02,
or by forcing the MUTE input low.
16
15
121
VCO+
VC0–
121
6945 F06
0.9V
VVCO+
VVCO+
VVCO+
+–
Figure 6. Simplified VCO Interface Schematic
121Ω resistance to aid in impedance matching at high
frequencies. See the Applications Information section for
matching guidelines.
VCO (N) DIVIDER
The 16-bit N divider provides the feedback from the VCO
input buffer to the PFD. Its divide ratio N may be set to any
integer from 32 to 65535, inclusive. Use the ND[15:0] bits
found in registers h05 and h06 to directly program the N
divide ratio. See the Applications Information section for
the relationship between N and the fREF, fPFD, fVCO and
fRF frequencies.
12
11
6945 F07
VRF+
VRF+
RF+
136
136
RF–
MUTE
OMUTE
RFO[1:0]
9
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com