Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6945_15 Datasheet HTML 17Page - Linear Technology LTC6945_15 Datasheet HTML 18Page - Linear Technology LTC6945_15 Datasheet HTML 19Page - Linear Technology LTC6945_15 Datasheet HTML 20Page - Linear Technology LTC6945_15 Datasheet HTML 21Page - Linear Technology LTC6945_15 Datasheet HTML 22Page - Linear Technology LTC6945_15 Datasheet HTML 23Page - Linear Technology LTC6945_15 Datasheet HTML 24Page - Linear Technology LTC6945_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC6945
21
6945fa
For more information www.linear.com/LTC6945
applicaTions inForMaTion
Using Table 5 with the previously selected ICP of 11.2mA,
gives CP[3:0] = 11. This is enough information to program
Reg09:
Reg09 = hDB
To enable the lock indicator, write Reg07:
Reg07 = h01
Charge Pump Function Programming
The DC1649 includes an LT1678I op amp in the loop filter.
This allows the circuit to reach the voltage range speci-
fied for the VCO’s tuning input. However, it also adds an
inversion in the loop transfer function. Compensate for
this inversion by setting CPINV = 1.
This example does not use the additional voltage clamp
features to allow fault condition monitoring. The loop
feedback provided by the op amp will force the charge
pump output to be equal to the op amp positive input
pin’s voltage. Disable the charge pump voltage clamps
by setting CPCHI = 0 and CPCLO = 0. Disable all the other
chargepumpfunctions(CPMID,CPRST,CPUPandCPDN)
to allow the loop to lock:
Reg0A = h10
The loop should now lock. Now unmute the output by
setting OMUTE = 0 (assumes the MUTE pin is high):
Reg02 = h08
REFERENCE SOURCE CONSIDERATIONS
A high quality signal must be applied to the REF± inputs as
they provide the frequency reference to the entire PLL. As
mentioned previously, to achieve the part’s in-band phase
noise performance, apply a CW signal of at least 6dBm
into 50Ω, or a square wave of at least 0.5VP-P with slew
rate of at least 40V/µs.
The LTC6945 may be driven single-ended to CMOS levels
(greater than 2.7VP-P). Apply the reference signal directly
without a DC-blocking capacitor at REF+, and bypass REF–
to GND with a 47pF capacitor. The BST bit must also be
set to “0”, according to guidelines given in Table 2.
TheLTC6945achievesanin-bandnormalizedphasenoise
floor of –226dBc/Hz (typical). To calculate its equivalent
input phase noise floor LM(IN), use Equation 10:
LM(IN) = –226 + 10 • log10(fREF)
(10)
For example, using a 10MHz reference frequency gives
an input phase noise floor of –156dBc/Hz. The reference
frequency source’s phase noise must be approximately
3dB better than this to prevent limiting the overall system
performance.
IN-BAND OUTPUT PHASE NOISE
Thein-bandphasenoiseproducedatfRFmaybecalculated
by using Equation 11.
LM(OUT) = –226+10 •log10 fPFD
(
)
+20 • log10
fRF
fPFD
⎛
⎝
⎜
⎞
⎠
⎟
or
LM(OUT) = –226+10 •log10 fPFD
(
)
+20 • log10
N
O
⎛
⎝
⎜
⎞
⎠
⎟
(11)
As seen for a given PFD frequency fPFD, the output in-band
phase noise increases at a 20dB-per-decade rate with the
N divider count. So, for a given output frequency fRF, fPFD
should be as large as possible (or N should be as small as
possible) while still satisfying the application’s frequency
step size requirements.
OUTPUT PHASE NOISE DUE TO 1/f NOISE
In-band phase noise at very low offset frequencies may
be influenced by the LTC6945’s 1/f noise, depending upon
fPFD. Use the normalized in-band 1/f noise of –274dBc/Hz
with Equation 12 to approximate the output 1/f phase
noise at a given frequency offset fOFFSET:
LM(OUT –1/f) (fOFFSET) = –274 + 20 • log10(fRF)
(12)
– 10 • log10(fOFFSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com