Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2226 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFPA2226 Datasheet HTML 9Page - RF Micro Devices RFPA2226 Datasheet HTML 10Page - RF Micro Devices RFPA2226 Datasheet HTML 11Page - RF Micro Devices RFPA2226 Datasheet HTML 12Page - RF Micro Devices RFPA2226 Datasheet HTML 13Page - RF Micro Devices RFPA2226 Datasheet HTML 14Page - RF Micro Devices RFPA2226 Datasheet HTML 15Page - RF Micro Devices RFPA2226 Datasheet HTML 16Page - RF Micro Devices RFPA2226 Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Schematic
(2.4GHz to 2.5GHz)
For V+=VCC=VPC=5.0V
3
2
1
4
RFPA2226
Bias
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com