Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2226 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA2226 Datasheet HTML 5Page - RF Micro Devices RFPA2226 Datasheet HTML 6Page - RF Micro Devices RFPA2226 Datasheet HTML 7Page - RF Micro Devices RFPA2226 Datasheet HTML 8Page - RF Micro Devices RFPA2226 Datasheet HTML 9Page - RF Micro Devices RFPA2226 Datasheet HTML 10Page - RF Micro Devices RFPA2226 Datasheet HTML 11Page - RF Micro Devices RFPA2226 Datasheet HTML 12Page - RF Micro Devices RFPA2226 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured 2.5GHz to 2.7GHz Application Circuit Data
(VCC=VPC=5.0V IQ=445mA, T=25°C)
DC Supply Current versus POUT, T=+25°C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
2.5GHz
2.6GHz
2.7GHz
DC Supply Current versus POUT, F=2.6GHz
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C
Noise Figure versus Frequency, O.T.
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.5
2.6
2.6
2.7
2.7
Frequency (GHz)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT, F=2.5GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT, F=2.6GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT, F=2.7GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com