Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2940 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPD2940
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2940 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPD2940 Datasheet HTML 1Page - RF Micro Devices RFPD2940 Datasheet HTML 2Page - RF Micro Devices RFPD2940 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 3
RFPD2940
Package Drawing (Dimensions in millimeters)
1 2 3 5 7 8 9
R
O
Q
M
5
10mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
European
Projection
Nominal
Min
Max
A
44,6
± 0,2
44,4
44,8
B
13,6
± 0,2
44,4
13,8
C
20,4
± 0,5
19,9
20,9
D
8
± 0,15
7,85
8,15
E
12,6
± 0,15
12,45
12,75
F
38,1
± 0,2
37,9
38,3
G
4
+0,2 / -0,05
3,95
4,2
H
4
± 0,2
3,8
4,2
I
25,4
± 0,2
25,2
25,6
J
UNC 6-32
-
-
K
4,2
± 0,2
4,0
4,4
L
27,2
± 0,2
27,0
27,4
M
11,6
± 0,5
11,1
12,1
N
5,8
± 0,4
5,4
6,2
O
0,25
± 0,02
0,23
0,27
P
0,45
± 0,03
0,42
0,48
Q
2,54
± 0,3
2,24
2,84
R
2,54
± 0,5
2,04
3,04
S
2,54
± 0,25
2,29
2,79
T
5,08
± 0,25
4,83
5,33
U
5,08
± 0,25
4,83
5,33
Pin
Name
1
Input
2-3
GND
4
5
+VB
6
7-8
GND
9
Output
Pinning:
Notes:
13,4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com