Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2940 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD2940
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2940 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD2940 Datasheet HTML 1Page - RF Micro Devices RFPD2940 Datasheet HTML 2Page - RF Micro Devices RFPD2940 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPD2940
GaAs/GaN Power Doubler Hybrid
45MHz to 1003MHz
The RFPD2940 is a Hybrid Power Doubler amplifier module.
The part employs GaAs pHEMT die and GaN HEMT die, has
high output capability, and is operated from 45MHz to
1003MHz. It provides excellent linearity and superior return
loss performance with low noise and optimal reliability.
Package: SOT-115J
Features
■
Extremely High Output Capability
■
Excellent Linearity
■
Superior Return Loss Performance
■
Extremely Low Distortion
■
Optimal Reliability
■
Low Noise
■
Unconditionally Stable Under All
Terminations
■
22.5dB Min. Gain at 1003MHz
■
490mA Max. at 24VDC
Applications
■
45MHz to 1003MHz CATV
Amplifier Systems
Ordering Information
RFPD2940
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
60
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPD2940


Similar Part No. - RFPD2940

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
More results

Similar Description - RFPD2940

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com