Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2033SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA2033SQ
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2033SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA2033SQ Datasheet HTML 1Page - RF Micro Devices RFSA2033SQ Datasheet HTML 2Page - RF Micro Devices RFSA2033SQ Datasheet HTML 3Page - RF Micro Devices RFSA2033SQ Datasheet HTML 4Page - RF Micro Devices RFSA2033SQ Datasheet HTML 5Page - RF Micro Devices RFSA2033SQ Datasheet HTML 6Page - RF Micro Devices RFSA2033SQ Datasheet HTML 7Page - RF Micro Devices RFSA2033SQ Datasheet HTML 8Page - RF Micro Devices RFSA2033SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
2 of 22
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +6
V
SLOPE, VC, EN Pins
-0.5 to +6
V
RF input Power
+27
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
+125
°C
ESD Rating (HBM)
2000
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General
50Ω Application Circuit
Supply Voltage
3
5
5.5
V
Internal voltage regulator
Supply Current
2.5
3.5
mA
Operating Temperature
-40
85
°C
Thermal Resistance
101
°C/W
RF Input Power
24
dBm
RF Performance
50Ω Application Circuit
Frequency Range
50
6000
MHz
Minimum Insertion Loss
1
dB
Gain Control Range
25
dB
Gain versus Temperature
1
dB
Peak to peak gain variation over temperature for
fixed control range
Return Loss
15
dB
Relative Phase
7
Deg
Insertion phase at 15dB attenuation relative to
minimum insertion loss
Input 1dB Compression Point
24
dBm
Input IP3
40
dBm
PIN + (IM3dBc/2)
Input IP2
75
dBm
PIN + IM2dBc, IM2 is F1 +F2
Input IH2
80
dBm
PIN + H2dBc, H2 is second harmonic
Input IH3
45
dBm
PIN + (H3dBc/2), H3 is third harmonic
Composite Performance (CATV)
75Ω Application Circuit
CSO
-65
dBc
112 Channels, Flat tilt, 32dBmV/Channel
CTB
-65
dBc
XMOD
-65
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com