Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2033SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2033SQ
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2033SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2033SQ Datasheet HTML 1Page - RF Micro Devices RFSA2033SQ Datasheet HTML 2Page - RF Micro Devices RFSA2033SQ Datasheet HTML 3Page - RF Micro Devices RFSA2033SQ Datasheet HTML 4Page - RF Micro Devices RFSA2033SQ Datasheet HTML 5Page - RF Micro Devices RFSA2033SQ Datasheet HTML 6Page - RF Micro Devices RFSA2033SQ Datasheet HTML 7Page - RF Micro Devices RFSA2033SQ Datasheet HTML 8Page - RF Micro Devices RFSA2033SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
3 of 22
Control
Voltage Control Range, Positive Attenuation
Slope
0
2.5
V
2.5V control voltage is lowest insertion loss, SLOPE
pin logic high
Voltage Control Range, Negative Attenuation
Slope
0
2.5
V
0V control voltage is lowest insertion loss, SLOPE
pin logic low
Voltage Control Pin Current
1.2
µA
VC Pin at 2.5V
SLOPE and EN Pins Logic Low
0.4
V
SLOPE and EN Pins Logic High
1
V
Settling Time
1.5
µs
2dB attenuation change settling within 0.1dB of
final value
Note: Typical performance at nominal conditions unless otherwise noted: Supply voltage = 3.0V, Operating temperature = 25°C, RF Frequency
2GHz, second RF frequency 2.001GHz for two tone measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com