Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02104AF Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02104AF
Description  3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02104AF Datasheet(HTML) 2 Page - Tyco Electronics

  MA02104AF Datasheet HTML 1Page - Tyco Electronics MA02104AF Datasheet HTML 2Page - Tyco Electronics MA02104AF Datasheet HTML 3Page - Tyco Electronics MA02104AF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
MA02104AF
Specifications subject to change without notice.
901753 G
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
MAXIMUM RATINGS (T
A = 25 °C unless otherwise noted)
Rating
Symbol
Value
Unit
DC Supply Voltage (Pins 1, 12, 16)
VDD
5
Vdc
RF Input Power
PIN
4
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
APPLICATION INFORMATION
RF INPUT
+VDD (+3.6V)
RF OUTPUT
C1
C2
T1
L1
C5
C4
N/C
N/C
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C3
Figure 1. Evaluation Board Schematic
List of components:
C1 = 0.1µF Kemet multilayer ceramic chip capacitor (C1206C104K5RAC)
C2 = 4700 pF Kemet multilayer ceramic chip capacitor (C0805C472K5RAC)
C4 = 7.5 pF DLI multilayer ceramic chip capacitor (C11AH7R5B5TXL)
C3 = C5 = 100 pF DLI multilayer ceramic chip capacitor (DC Block; C11AH101K5TXL)
L1 = 39 nH Coilcraft chip inductor (1008CS.390XMBB)
T1 = 0.13" of 50
Ω==grounded coplanar waveguide (60 mil GETEK board)
Component layout and printed circuit board drawing for RF IC evaluation board are shown in Figure 6.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com