Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02104AF Datasheet (PDF) - Tyco Electronics

MA02104AF Datasheet PDF - Tyco Electronics
Part # MA02104AF
Download  MA02104AF Download
File Size   166.35 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900

MA02104AF Datasheet (PDF)

Go To PDF Page Download Datasheet
MA02104AF Datasheet PDF - Tyco Electronics

Part # MA02104AF
Download  MA02104AF Click to download

File Size   166.35 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900

MA02104AF Datasheet (HTML) - Tyco Electronics


MA02104AF Product details

Features
• Single Positive Supply
• 16 Pin TSSOP Plastic Package
• Class AB Bias
• 800 - 1000 MHz Operation
• 50Ω Input Impedance
• Single Capacitor Output Match
• Self-Aligned MSAG®-Lite MESFET Process
• Guaranteed Stability and Ruggedness

Applications
   Two-Way Paging
   Wireless Modems
   Cordless Telephones
   Telemetry
   900 MHz ISM




Similar Part No. - MA02104AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02107AF MACOM-MA02107AF Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R13 MACOM-MA02107AF-R13 Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R7 MACOM-MA02107AF-R7 Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-SMB MACOM-MA02107AF-SMB Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
More results


Similar Description - MA02104AF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
logo
Samsung semiconductor
KA2214 SAMSUNG-KA2214 Datasheet
115Kb / 3P
1.2W DUAL POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TRF4002 TI1-TRF4002 Datasheet
136Kb / 8P
PCS RF POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com