Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02107AF Datasheet (PDF) - Tyco Electronics

MA02107AF Datasheet PDF - Tyco Electronics
Part # MA02107AF
Download  MA02107AF Download
File Size   143.82 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.4 V, 1.2 W RF Power Amplifier IC

MA02107AF Datasheet (PDF)

Go To PDF Page Download Datasheet
MA02107AF Datasheet PDF - Tyco Electronics

Part # MA02107AF
Download  MA02107AF Click to download

File Size   143.82 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.4 V, 1.2 W RF Power Amplifier IC

MA02107AF Datasheet (HTML) - Tyco Electronics


MA02107AF Product details

Description
The MA02107AF is a three stage power amplifier, designed for paging applications to have an output power of +30.8 dBm with an input power of 0 dBm. This power amplifier operates at +3.4 volts with 55% typical power added efficiency. The MA02107AF is mounted in a standard outline 16-pin TSSOP plastic package.

Features
◾ Ideal for Pager Applications
◾ +30.8 dBm Output Power
◾ 30.8 dB Power Gain
◾ Single Positive Supply
◾ Class AB Bias
◾ 50 Ohm Input Impedance
◾ Single Capacitor Output Match




Similar Part No. - MA02107AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02104AF MACOM-MA02104AF Datasheet
166Kb / 4P
3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
More results


Similar Description - MA02107AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
logo
Hittite Microwave Corpo...
HMC388LP4 HITTITE-HMC388LP4_06 Datasheet
357Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
Amplifier, Power, 1.2 W
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
Amplifier, Power, 1.2 W
logo
Qorvo, Inc
QPA2511 QORVO-QPA2511 Datasheet
2Mb / 13P
100 W, 50 V, 1.2 ??1.4 GHz, GaN on SiC Power Amplifier
logo
STMicroelectronics
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com