Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02107AF Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02107AF
Description  3.4 V, 1.2 W RF Power Amplifier IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02107AF Datasheet(HTML) 2 Page - Tyco Electronics

  MA02107AF Datasheet HTML 1Page - Tyco Electronics MA02107AF Datasheet HTML 2Page - Tyco Electronics MA02107AF Datasheet HTML 3Page - Tyco Electronics MA02107AF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF
V 1.0
Electrical Specifications: TS = 35 °C
1, Z
0 = 50
Ω
Ω2,3
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency
MHz
900
942
Output Power
dBm
30.0
30.8
Power Gain
dB
30.8
Power Added Efficiency
%
45
55
Input Return Loss
dB
10
15
2
nd Harmonics
dBc
-35
-29
3
rd Harmonics
dBc
-50
-45
Thermal Resistance
3
rd Stage FET to solder point of pin 13
oC/W
41
Stability
+3.0 V < VCC < +5.0 V, POUT < +31 dBm,
VSWR < 5:1, -40ºC < TC < +85ºC, RBW
= 3 MHz max hold
All spurs < -60 dBc
1. Ts is the temperature measured at the soldering point of pin 13.
2. Unless otherwise specified, input power is 0 dBm, VDD is +3.45 V, and test frequency is 900 MHz.
3. The output is externally matched to 50 ohms.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+6 dBm
Operating Voltages
+5.0 volts
Operating Temperature, Ts
-40 °C to +70 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.
Board Layout
Sample Test Board
50 Ohm Lead Transition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com