Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2644 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSA2644
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2644 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSA2644 Datasheet HTML 1Page - RF Micro Devices RFSA2644 Datasheet HTML 2Page - RF Micro Devices RFSA2644 Datasheet HTML 3Page - RF Micro Devices RFSA2644 Datasheet HTML 4Page - RF Micro Devices RFSA2644 Datasheet HTML 5Page - RF Micro Devices RFSA2644 Datasheet HTML 6Page - RF Micro Devices RFSA2644 Datasheet HTML 7Page - RF Micro Devices RFSA2644 Datasheet HTML 8Page - RF Micro Devices RFSA2644 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RFSA2644
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance at 5V VDD - Broadband Application Circuit
0.0
0.5
1.0
1.5
2.0
2.5
0
1,000
2,000
3,000
4,000
Frequency (MHz)
Insertion Loss versus Frequency
-40°C
25°C
85°C
-35
-30
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
Frequency (MHz)
Normalized Attenuation versus Frequency
0.5
1
2
4
8
16
31.5
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
Frequency (MHz)
Input Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
0
5
10
15
20
25
30
35
40
45
50
0
1000
2000
3000
4000
Frequency (MHz)
Output Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-10
0
10
20
30
40
50
60
0
1000
2000
3000
4000
Frequency (MHz)
Relative Phase versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
1000
2000
3000
4000
Frequency (MHz)
Worst Case Step Error Between
Successive States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com