Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2644 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2644
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2644 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2644 Datasheet HTML 1Page - RF Micro Devices RFSA2644 Datasheet HTML 2Page - RF Micro Devices RFSA2644 Datasheet HTML 3Page - RF Micro Devices RFSA2644 Datasheet HTML 4Page - RF Micro Devices RFSA2644 Datasheet HTML 5Page - RF Micro Devices RFSA2644 Datasheet HTML 6Page - RF Micro Devices RFSA2644 Datasheet HTML 7Page - RF Micro Devices RFSA2644 Datasheet HTML 8Page - RF Micro Devices RFSA2644 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
12
SPI
RF1
GND
VDD
GND
GND
RF2
GND
GND
GND
GND
GND
6-Bit DSA
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
24
23
22
21
20
19
GND
RFSA2644
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFMD’s RFSA2644 is a 6-bit digital step attenuator (DSA) that features high linear-
ity over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB
steps. The RFSA2644 is programmed via a serial mode control interface that is
both 3V and 5V compatible. The RFSA2644 also offers a rugged Class 1C HBM ESD
rating via on-chip ESD circuitry. The MCM package is footprint compatible with most
24-pin, 4mm x 4mm, QFN packages.
Features
Frequency Range 50MHz to
4000MHz
6-Bits, 31.5dB Range, 0.5dB
Step
High Linearity, IP3 >48dBm
3V and 5V Logic Compatible
Serial-to-Parallel Controller
Serial Programming Interface
Power-up Programming Modes
On-Chip ESD Protection Class 1C
HBM
Single Supply, 3V to 5V Operation
Footprint Compatible with Most
24-Pin, 4mm x 4mm, QFNs
Applications
Transceiver RF and IF
Applications
Cellular, PCS, GSM, UMTS, LTE,
WiMax/WiFi
Wireless Data, Satellite
Terminals
Test Equipment
DS120706
Package: MCM, 24-Pin, 4.2mm x 4.2mm
RFSA2644
Serial Con-
trolled Digital
Step Attenua-
tor
RFSA2644SR
7” Sample reel with 100 pieces
RFSA2644SQ
25-Piece sample bag
RFSA2644TR7
7” Reel with 750 pieces
RFSA2644TR13
13” Reel with 2500 pieces
RFSA2644PCK-410 50MHz to 4000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA2644

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2644

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com