Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA120SL-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA120SL-G
Description  Super Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA120SL-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBA120SL-G_15 Datasheet HTML 1Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 2Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 3Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Super Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV: A
Features
-Ultra high-speed switching.
Mechanical data
-Case: Molded plastic, DO-214AC / SMA-F
-Terminals: Solder plated, solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.064 grams (Approx.)
CDBA120SL-G
QW-BL015
CDBA120SL-G
Comchip Technology CO., LTD.
Max. Repetitive peak reverse voltage
Max.
voltage
RMS
Max. Continuous
voltage
reverse
Units
Symbol
Parameter
VRRM
VRMS
VR
20
14
20
V
V
V
Max. Forward voltage @IF=1.0A
VF
0.31
V
Operating Temperature
TJ
-55 to +100
°C
-Low Profile surface mount applications
in order to optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
Forward surge current
Reverse current
Storage temperature
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Forward rectified current
See Fig.1
Thermal resistance
Diode junction capacitance
VR =VRRM TA=25°C
VR =VRRM TA=100°C
f=1MHZ and applied 4V DC reverse Voltage
Junction to ambient
Symbol
IO
IFSM
IR
RθJA
CJ
TSTG
IR
MIN.
TYP.
MAX.
mA
°C/W
pF
°C
1.0
30
1.0
20
70
160
-55
+150
Units
-Epoxy: UL94-V0 rate flame retardant.
-Silicon epitaxial planar chip,metal silicon junction.
Dimensions in inches and (millimeter)
SMA-F
0.062 (1.60)
0.055 (1.40)
0.114 (2.90)
0.098 (2.50)
0.181 (4.60)
0.157 (4.00)
0.008(0.20)
0.002(0.05)
0.012 (0.30)
0.006 (0.15)
0.208 (5.28)
0.189 (4.80)
0.060 (1.52)
0.030 (0.78)
0.096 (2.44)
0.079 (2.00)
Maximum Ratings and Electrical Characteristics
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
1
2
Circuit Diagram
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBA120SL-G_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA120SL-G_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120SL-HF COMCHIP-CDBA120SL-HF Datasheet
96Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SLR-HF COMCHIP-CDBA120SLR-HF Datasheet
96Kb / 4P
Super Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220SLR-HF COMCHIP-CDBA220SLR-HF Datasheet
96Kb / 4P
Super Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB120SLR-HF COMCHIP-CDBB120SLR-HF Datasheet
96Kb / 4P
Super Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220SLR-HF COMCHIP-CDBB220SLR-HF Datasheet
96Kb / 4P
Super Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC120SL-HF COMCHIP-CDBC120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBB120SL-HF COMCHIP-CDBB120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBB120SL-HF COMCHIP-CDBB120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com