Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA120SL-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBA120SL-G
Description  Super Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA120SL-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBA120SL-G_15 Datasheet HTML 1Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 2Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 3Page - Comchip Technology CDBA120SL-G_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBA120SL-G)
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
Reverse Voltage, (V)
0.01
Fig.4 - Typical Junction Capacitance
0
100
350
1
10
100
Lead Temperature, (°C)
0
0.6
0.8
Comchip Technology CO., LTD.
Page 2
REV: A
0
80
160
0.2
1.2
0.4
Number of Cycles at 60Hz
0
30
1
10
100
10
20
TJ=25°C
8.3ms single half sine
wave, JEDEC method
20
40
60
120
100
1.0
0.1
50
200
150
300
250
Fig.3 - Maximum Non-repetitive
Surge Current
Forward
0.1
0.5
1.5
1.3
0.3
0.7
0.9
1.1
0.1
1.0
50
Pulse Width 300us
1% Duty Cycle
TJ=25°C
10
Fig.1 - Typical Forward Current
Derating Curve
140
0.01
Super Low VF SMD Schottky Barrier Rectifiers
QW-BL015
Percent of Rated Peak Reverse Voltage, (%)
140
80
60
120
0
0.1
10
100
20
1000
40
100
TJ=100 °C
TJ=25 °C
1.0
Fig.5 - Typical Reverse Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com