Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM-L-COLOR Datasheet(PDF) 1 Page - Comchip Technology

Part # XM-L-COLOR
Description  Cree XM-L Color Series on Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

XM-L-COLOR Datasheet(HTML) 1 Page - Comchip Technology

  XM-L-COLOR Datasheet HTML 1Page - Comchip Technology XM-L-COLOR Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cree XM-L Color Series
FEATURES
APPLICATIONS
> Red, green, blue and white in a single 5 mm x 5 mm package
> Architectural
> Maximum drive current per LED die: 1 A
> Entertainment
> Individually addressable LEDs
> Vehicle
> Electrically Neutral Thermal Path
FLUX CHARACTERISTICS @ 25°C
COLOR
DWL (nm)
or
CCT (TYP.)
KIT USED
Red
620-635
Green
520-535
Royal Blue
450-465
Cool White
5700-8000
Neutral White
3700-4300
CHARACTERISTICS
UNIT
MINIMUM
TYPICAL
MAXIMUM
Viewing angle (FWHM)
degrees
130
Thermal Resistance, Junction to Solder Point
°C/W
3.5
ESD classification (HBM per Mil-Std-883D)
Class 2
LED junction temperature
°C
150
Temperature coefficient of voltage - red
mV/°C
-1.8
Temperature coefficient of voltage - green
mV/°C
-4
Temperature coefficient of voltage - blue, white
mV/°C
-3
Reverse voltage - red, green, blue, white
V
2.25
2.6
Reverse voltage - green
V
3.3
3.9
Reverse voltage - blue, white
V
3.1
3.7
It is highly recommended for the user to review the CREE Series page for additional and most recent technical data at:
http://www.cree.com/led-components-and-modules/products/xlamp/arrays-directional/xlamp-xml-color
Cree XM-L Color Series on Board
MIN.FLUX (LM) @350MA
45.7
87.4
Cree XLamp XM-L color LEDs are the brightest and smallest multi-colored LEDs of
their class, delivering red, green, royal-blue and white in one LED at twice the
lumens-per-dollar of the MC-E color LED. The XM-L color LED is 60% smaller than
the MC-E LED, reducing the distance between LED die to create a small optical
source for excellent optical control, efficient color mixing and simplified design.
13.9
80-100
80-100
C3ABC02
(6000K)
C2ABCB1
(4000K)
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA www.marktechopto.com
TOLL FREE: 1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com


Similar Part No. - XM-L-COLOR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
More results

Similar Description - XM-L-COLOR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
Cree XLamp XM-L LEDs
Rev 0
logo
Marktech Corporate
XB-D-COLOR MARKTECH-XB-D-COLOR Datasheet
88Kb / 2P
Cree XB-D Color Series on Board
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
XP-G-WHITE MARKTECH-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Comchip Technology
XB-D-COLOR COMCHIP-XB-D-COLOR_15 Datasheet
88Kb / 2P
Cree XB-D Color Series on Board
logo
Marktech Corporate
MTG7-001I-XPG00-CW-0H53 MARKTECH-MTG7-001I-XPG00-CW-0H53 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-WW-0CE7 MARKTECH-MTG7-001I-XPG00-WW-0CE7 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001L-XBD00-RD-0701 MARKTECH-MTG7-001L-XBD00-RD-0701 Datasheet
29Kb / 2P
Cree XB-D Color Series on Board
MTG7-001L-XML00-RGBW-BC02 MARKTECH-MTG7-001L-XML00-RGBW-BC02 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
MTG7-001L-XML00-RGBW-BCB1 MARKTECH-MTG7-001L-XML00-RGBW-BCB1 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com