Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM-L-COLOR Datasheet(PDF) 2 Page - Comchip Technology

Part # XM-L-COLOR
Description  Cree XM-L Color Series on Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

XM-L-COLOR Datasheet(HTML) 2 Page - Comchip Technology

  XM-L-COLOR Datasheet HTML 1Page - Comchip Technology XM-L-COLOR Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hardware (not included)
> Mount with #4 Machine Screws.
> 16AWG Maximum Wire Gauge.
> Use only with constant current power supplies.
PCB Fabrication
> Layer Count: 1
> Core Material: 6061-T6 Aluminum
> Single Layer Copper Weight: 1oz
> Solder Mask: White
> Finishing Plating: Pb Free HASL
* Exceeding maximum ratings may damage the LED and cause potential safety hazards.
* Elevated operating temperatures can be expected to negatively impact the service life (lumen output)
* All data is related to entire assembly. Data reflects statistical mean values. Actual data may differ depending on variances
in the manufacturing process.
* End users need to take into account the lumen depreciation as the temperature rises with various thermal solutions
installed.
Note 1: Using continuously under elevated loads (i.e. the application of high temperature/current/voltage or a significant
change in temperature, etc.) may cause this product to significantly decrease in reliability even if the operating conditions are
within the
absolute maximum ratings.
Note 2: The thermal resistance from the LED junction to ambient temperature, Rth(j-a), should be kept below 10°C/W so that
the LED is not exposed to a condition beyond the absolute maximum ratings.
Note 3: The temperature of the LED assembly must be measured at the TC-point according to EN60598-1 in a thermally
constant status with a temperature sensor or a temperature sensitive label.
Cree XM-L Color Series on Board
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA www.marktechopto.com
TOLL FREE: 1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com