Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904SC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N3904SC
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3904SC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N3904SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N3904SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N3904SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2015. 5. 12
2/3
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=30V, VEB=3V
-
-
50
nA
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=3V, IC=0
-
-
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10μ
A, IE=0
60
-
-
V
Collector-Emitter Breakdown Voltage *
V(BR)CEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A, IC=0
6.0
-
-
V
DC Current Gain
*
hFE
VCE=1V, IC=10mA
150
-
250
Collector-Emitter Saturation Voltage
*
VCE(sat)
IC=50mA, IB=5mA
-
-
0.3
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=50mA, IB=5mA
-
-
0.95
V
Transition Frequency
fT
VCE=20V, IC=10mA, f=100MHz
250
-
-
MHz
Switching Time
Delay Time
td
-
-
35
nS
Rise Time
tr
-
-
35
Storage Time
tstg
-
-
200
Fall Time
tf
-
-
50
2N3904SC
* Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com