Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904SC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 2N3904SC
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3904SC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N3904SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N3904SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N3904SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 5. 12
1/3
SEMICONDUCTOR
TECHNICAL DATA
2N3904SC
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Low Leakage Current
: ICEX=50nA(Max.), IBL=50nA(Max.)
@VCE=30V, VEB=3V.
・Excellent DC Current Gain Linearity.
・Low Saturation Voltage
: VCE(sat)=0.3V(Max.) @IC=50mA, IB=5mA.
・Complementary to 2N3906SC.
MAXIMUM RATING (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Base Current
IB
50
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
* PC : Package Mounted On 99.5% Alumina 10
×8×0.6㎜)


Similar Part No. - 2N3904SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N3904S KEC-2N3904S Datasheet
448Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904S KEC-2N3904S Datasheet
416Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
First Silicon Co., Ltd
2N3904S FS-2N3904S Datasheet
232Kb / 8P
General Purpose Transistor
logo
KEC(Korea Electronics)
2N3904S KEC-2N3904S_03 Datasheet
416Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
2N3904S KEC-2N3904S_15 Datasheet
691Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - 2N3904SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com