Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0018 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0018
Description  E-Series RF 1:1 Transformer 4.5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0018 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0018 Datasheet HTML 1Page - Tyco Electronics MABAES0018 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1593 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage Temperature
-40°C to +85°C
Functional Configuration
Function
Pin No.
Secondary Dot
1
Center Tap
-
Secondary
3
Primary
4
Not Connected
2,5
Primary Dot
6
Typical Performance @ +25°C
Phase Unbalance
150.00
160.00
170.00
180.00
190.00
200.00
4.50
403.60
802.70
1201.80
1600.90
2000.00
Frequency (MHz)
Amplitude Unbalance
-1.00
-0.68
-0.36
-0.04
0.28
0.60
4.50
403.60
802.70
1201.80
1600.90
2000.00
Frequency (MHz)
Insertion Loss 1
-3.00
-2.30
-1.60
-0.90
-0.20
0.50
4.50
403.60
802.70
1201.80
1600.90
2000.00
Frequency (MHz)
MABAES0018
Insertion Loss 2
-3.00
-2.40
-1.80
-1.20
-0.60
0.00
4.50
403.60
802.70
1201.80
1600.90
2000.00
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com