Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0018 Datasheet (PDF) - Tyco Electronics

MABAES0018 Datasheet PDF - Tyco Electronics
Part # MABAES0018
Download  MABAES0018 Download
File Size   43.1 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1:1 Transformer 4.5 - 2000 MHz

MABAES0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABAES0018 Datasheet PDF - Tyco Electronics

Part # MABAES0018
Download  MABAES0018 Click to download

File Size   43.1 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1:1 Transformer 4.5 - 2000 MHz

MABAES0018 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MABAES0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
Tyco Electronics
MABAES0015 MACOM-MABAES0015 Datasheet
71Kb / 2P
RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz
MABAES0017 MACOM-MABAES0017 Datasheet
47Kb / 2P
E-Series RF 1:2.56 Impedance Ration Center Taped Transformer 5 - 65 MHz
logo
M/A-COM Technology Solu...
MABAES0017 MA-COM-MABAES0017 Datasheet
67Kb / 2P
E-Series RF 2.56:1Impedance Ratio Center Taped Transformer 5 - 65 MHz
More results


Similar Description - MABAES0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1-13 MACOM-ETC1-1-13 Datasheet
264Kb / 2P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
ETC1-1-6 MACOM-ETC1-1-6 Datasheet
146Kb / 2P
E-Series RF 1:1 Transformer 760 - 960 MHz
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1-1T-75 MACOM-ETC1-1T-75 Datasheet
29Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
ETN1-1-13 MACOM-ETN1-1-13 Datasheet
125Kb / 2P
E-Series RF 1:1 Transformer 4.5 - 2000 MHz
ETC1-1T-2 MACOM-ETC1-1T-2 Datasheet
58Kb / 2P
E-Series RF 1:1 Transformer 0.05 - 3 MHz
logo
M/A-COM Technology Solu...
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
138Kb / 3P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
E-Series RF 1:1 Transformer 2- 500 MHz
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
ETN1-1-13 MA-COM-ETN1-1-13 Datasheet
50Kb / 2P
E-Series RF 1:1 Transformer 4.5 - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com