Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPR Datasheet(PDF) 29 Page - Linear Technology

Part # LTP5902-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPR Datasheet(HTML) 29 Page - Linear Technology

Back Button LTP5902-IPR_15 Datasheet HTML 24Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 25Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 26Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 27Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 28Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 29Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 30Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 31Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTP5901-IPR/LTP5902-IPR
29
59012iprf
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
REGULATORY AND STANDARDS COMPLIANCE
Radio Certification
The LTP5901 and LTP5902 have been certified under a
single modular certification, with the module name of
ETERNA2.Followingtheregulatoryrequirementsprovided
in the ETERNA2 Users Guide can enable customers to
ship products in the supported geographies, by simply
completing an unintentional radiator scan of the finished
product(s). The ETERNA2 Users Guide also provides the
technical information needed to enable customers to fur-
ther certify either the modules or products based upon the
modules in geographies that have not or do not support
modular certification.
Compliance to Restriction of Hazardous Substances
(RoHS)
Restriction of hazardous substances 2(RoHS 2) is a
directive that places maximum concentration limits on
the use of certain hazardous substances in electrical and
electronic equipment. Linear Technology is committed to
meeting the requirements of the European Community
directive 2011/65/EU.
This product has been specifically designed to utilize
RoHS-compliant materials and to eliminate or reduce the
use of restricted materials to comply with 2011/65/EU.
applicaTions inFormaTion
The RoHS-compliant design features include:
• RoHS-compliant solder for solder joints
• RoHS-compliant base metal alloys
• RoHS-compliant precious metal plating
• RoHS-compliant cable assemblies and connector
choices
• Halogen-free mold compound
• RoHS-compliant and 245°C re-flow compatible
Note: Customers may elect to use certain types of lead-
free solder alloys in accordance with the European Com-
munity directive 2011/65/EU. Depending on the type of
solder paste chosen, a corresponding process change to
optimize reflow temperatures may be required.
SOLDERING INFORMATION
The LTP5901 and LTP5902 are suitable for both eutectic
PbSn and RoHS-6 reflow. The maximum reflow solder-
ing temperature is 260°C. A more detailed description of
layoutrecommendations,assemblyproceduresanddesign
considerations is included in the LTP5901 and LTP5902
Hardware Integration Guide.
relaTeD DocumenTaTion
TITLE
LOCATION
DESCRIPTION
SmartMesh IP Users Guide
http://www.linear.com/docs/41880
Theory of operation for SmartMesh IP networks and motes
SmartMesh IP Manager API Guide
http://www.linear.com/docs/41883
Definitions of the applications interface commands available over
the API UART
SmartMesh IP Manager CLI Guide
http://www.linear.com/docs/41882
Definitions of the command line interface commands available
over the CLI UART
LTP5901 and LTP5902 Hardware
Integration Guide
http://www.linear.com/docs/41877
Recommended practices for designing with the LTP5901 and
LTP5902
ETERNA2 Users Guide
http://www.linear.com/docs/42916
The ETERNA2 module user’s guide covering certification
requirements for certified geographies and support
documentation enabling customer certification in additional
geographies for the LTP5901 and LTP5902
SmartMesh IP Tools Guide
http://www.linear.com/docs/42453
The user’s guide for all IP related tools, and specifically the
definition for the on-chip Application Protocol (OAP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com