Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPR Datasheet(PDF) 5 Page - Linear Technology

Part # LTP5902-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPR Datasheet(HTML) 5 Page - Linear Technology

  LTP5902-IPR_15 Datasheet HTML 1Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 2Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 3Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 4Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 5Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 6Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 7Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 8Page - Linear Technology LTP5902-IPR_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTP5901-IPR/LTP5902-IPR
5
59012iprf
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
orDer inFormaTion
LEAD FREE FINISH**
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTP5901IPC-IPRA???#PBF LTP5901IPC-IPRA???#PBF
66-Lead (42mm × 24mm × 5.5mm) PCB with Chip Antenna
–40°C to 85°C
LTP5901IPC-IPRB???#PBF LTP5901IPC-IPRB???#PBF
66-Lead (42mm × 24mm × 5.5mm) PCB with Chip Antenna
–40°C to 85°C
LTP5901IPC-IPRC???#PBF LTP5901IPC-IPRC???#PBF
66-Lead (42mm × 24mm × 5.5mm) PCB with Chip Antenna
–40°C to 85°C
LTP5902IPC-IPRA???#PBF LTP5902IPC-IPRA???#PBF
66-Lead (37.5mm × 24mm × 5.5mm) PCB with MMCX
Connector
–40°C to 85°C
LTP5902IPC-IPRB???#PBF LTP5902IPC-IPRB???#PBF
66-Lead (37.5mm × 24mm × 5.5mm) PCB with MMCX
Connector
–40°C to 85°C
LTP5902IPC-IPRC???#PBF LTP5902IPC-IPRC???#PBF
66-Lead (37.5mm × 24mm × 5.5mm) PCB with MMCX
Connector
–40°C to 85°C
*The temperature grade is identified by a label on the shipping container.
**The sofware version is indicated by ???. For specific ordering information, go to: www.linear.com/ltp5901-ipr#orderinfo or
www.linear.com/ltp5902-ipr#orderinfo
For a description of the dash options see the IP Manager Options section.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
recommenDeD operaTing conDiTions
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSUPPLY Supply Voltage
Including Noise and Load Regulation
l
2.1
3.76
V
Supply Noise
50Hz to 2MHz
l
250
mV
Operating Relative Humidity
Non-Condensing
l
10
90
% RH
Temperature Ramp Rate While Operating in
Network
l
–8
8
°C/min
The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
Dc characTerisTics
OPERATION/STATE
CONDITIONS
MIN
TYP
MAX
UNITS
Power-On Reset
During Power-On Reset, Maximum 750µs + VSUPPLY Rise Time from 1V to
1.9V
12
mA
Doze
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All Data and
State Retained, 32.768kHz Reference Active
1.2
µA
Deep Sleep
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All Data and
State Retained, 32.768kHz Reference Inactive
0.8
µA
In-Circuit Programming
RESETn and FLASH_P_ENn Asserted, IPCS_SCK at 8MHz
20
mA
Peak Operating Current
8dBm
0dBm
System Operating at 14.7MHz, Radio Transmitting, During Flash Write.
Maximum Duration 4.33 ms.
30
26
mA
mA
Active
ARM Cortex-M3, RAM and Flash Operating, Radio and All Other Peripherals
Off. Clock Frequency of CPU and Peripherals Set to 7.3728MHz, VCORE =
1.2V
1.3
mA
Flash Write
Single Bank Flash Write
3.7
mA
Flash Erase
Single Bank Page or Mass Erase
2.5
mA
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com