Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLR3416 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLR3416
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR3416 Datasheet(HTML) 1 Page - OSRAM GmbH

  DLR3416 Datasheet HTML 1Page - OSRAM GmbH DLR3416 Datasheet HTML 2Page - OSRAM GmbH DLR3416 Datasheet HTML 3Page - OSRAM GmbH DLR3416 Datasheet HTML 4Page - OSRAM GmbH DLR3416 Datasheet HTML 5Page - OSRAM GmbH DLR3416 Datasheet HTML 6Page - OSRAM GmbH DLR3416 Datasheet HTML 7Page - OSRAM GmbH DLR3416 Datasheet HTML 8Page - OSRAM GmbH DLR3416 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Lead (Pb) Free Product - RoHS Compliant
DLR3416, DLO3416, DLG3416
0.270" 4-Character 5 x 7 Dot Matrix
Alphanumeric Intelligent Display® Devices with Memory/Decoder/Driver
2006-01-23
1
Description
The DLR/DLO/DLG3416 is a four character 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.
The integrated circuit contains memory, ASCII ROM decoder, multiplexing circuitry and drivers. Data entry is asyn-
chronous and can be random. A display system can be built using any number of DLX3416s since each digit can be
addressed independently and will continue to display the character last stored until replaced by another.
System interconnection is very straightforward. The least significant two address bits (A0, A1) are normally connected
to the like-named inputs of all displays in the system. With four chip enables, four displays (16 characters) can easily
be interconnected without a decoder.
Data lines are connected to all DLX3416s directly and in parallel, as is the write line (WR). The display will then
behave as a write-only memory.
The cursor function causes all dots of a digit position to illuminate at half brightness. The cursor is not a character, and
when removed the previously displayed character will reappear.
The DLX3416 has several features superior to competitive devices. True ’’blanking“ allows the designer to dim the dis-
play for more flexibility of display presentation. Finally the CLR clear function will clear the cursor RAM and the ASCII
character RAM simultaneously.
The character set consists of 128 special ASCII characters for English, German, Italian, Swedish, Danish, and Norwe-
gian.
All products are subjected to out-going AQL’s of 0.25% for brightness matching, visual alignment and dimensions,
0.065% for electrical and functional.
Features
0.270" High, Dot Matrix Characters
128 Special ASCII Characters for English, German,
Italian, Swedish, Danish, and Norwegian Languages
Wide Viewing Angle: X Axis ±50° Maximum,
Y Axis ±75° Maximum
Close Multi-line Spacing, 0.8" Centers
Fast Access Time, 110 ns at 25°C
Full Size Display for Stationary Equipment
Built-in Memory
Built-in Character Generator
Built-in Multiplex and LED Drive Circuitry
Each Character Independently Accessed
TTL Compatible, 5.0 V Power, V
IH=2.0 V, VIL=0.8 V
Independent Cursor Function
Memory Clear Function
Display Blank Function for Blinking and Dimming
End Stackable, 4-Character Package
Intensity Coded for Display Uniformity
Extended Operating Temperature Range:
–40°C to +85°C
Wave Solderable
See Appnotes 18, 19, 22, and 23 at www.osram-os.com


Similar Part No. - DLR3416

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DLR30-2125-1006K-B WILLOW-DLR30-2125-1006K-B Datasheet
453Kb / 7P
industrial power relay
DLR30-2125-1006K-NIL WILLOW-DLR30-2125-1006K-NIL Datasheet
453Kb / 7P
industrial power relay
DLR30-2125-1006NIL-B WILLOW-DLR30-2125-1006NIL-B Datasheet
453Kb / 7P
industrial power relay
DLR30-2125-1006NIL-NIL WILLOW-DLR30-2125-1006NIL-NIL Datasheet
453Kb / 7P
industrial power relay
DLR30-2125-1012K-B WILLOW-DLR30-2125-1012K-B Datasheet
453Kb / 7P
industrial power relay
More results

Similar Description - DLR3416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MDL2416C SIEMENS-MDL2416C Datasheet
265Kb / 8P
15 RED, 4-DIGIT, 16 SEGMENT PLUS DECIMAL HI-REL/MILITARY ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
Siemens Semiconductor G...
DL3416 SIEMENS-DL3416 Datasheet
767Kb / 6P
.224 Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
logo
Siemens Semiconductor G...
DL-3416 SIEMENS-DL-3416 Datasheet
425Kb / 6P
.225" Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com