Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLR3416 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DLR3416
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR3416 Datasheet(HTML) 5 Page - OSRAM GmbH

  DLR3416 Datasheet HTML 1Page - OSRAM GmbH DLR3416 Datasheet HTML 2Page - OSRAM GmbH DLR3416 Datasheet HTML 3Page - OSRAM GmbH DLR3416 Datasheet HTML 4Page - OSRAM GmbH DLR3416 Datasheet HTML 5Page - OSRAM GmbH DLR3416 Datasheet HTML 6Page - OSRAM GmbH DLR3416 Datasheet HTML 7Page - OSRAM GmbH DLR3416 Datasheet HTML 8Page - OSRAM GmbH DLR3416 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DLR3416, DLO3416, DLG3416
2006-01-23
5
DC Characteristics
Parameter
–40°C
+25°C
+85°C
Unit
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
I
CC 80 Dots on
150
190
135
165
118
150
mA
V
CC=5.0 V
I
CC Cursor
170
140
125
mA
V
CC=5.0 V
I
CC Blank
2.8
4.0
2.3
3.0
2.0
2.5
mA
V
CC=5.0 V
BL=0.8 V
I
IL (all inputs)
30
60
120
25
50
100
20
40
80
µA
V
IN=0.8 V,
V
CC=5.0 V
V
IH (all inputs)
2.0
2.0
2.0
V
V
CC=5.0 V
V
IL (all inputs)
0.8
0.8
0.8
V
V
CC=5.0 V
V
CC
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
V
AC Characteristics (guaranteed minimum timing parameters at V
CC=5.0 V ±0.5 V)
Parameter
Symbol
–40°C
+25°C
+85°C
Unit
Chip Enable Set Up Time
T
CES
0
0
0
ns
Address Set Up Time
T
AS
10
10
10
ns
Cursor Set Up Time
T
CUS
10
10
10
ns
Chip Enable Hold Time
T
CEH
0
0
0
ns
Address Hold Time
T
AH
20
30
40
ns
Cursor Hold Time
T
CUH
20
30
40
ns
Clear Disable Time
T
CLRD
1.0
1.0
1.0
µs
Write Time
T
W
60
70
90
ns
Data Set Up Time
T
DS
20
30
50
ns
Data Hold Time
T
DH
20
30
40
ns
Clear Time
T
CLR
1.0
1.0
1.0
µs
Access Time
T
ACC
90
110
140
ns
Note: T
ACC= Set Up Time + Write Time + Hold Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com