Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCS
Description  Designed for surface mounting on high density circuit board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCS Datasheet(HTML) 1 Page - jb Capacitors Company

  JCS Datasheet HTML 1Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
SMD Aluminum Electrolytic Capacitor – JCS
 FEATURES
Designed for surface mounting on high density circuit board.
Emboss carrier tape packing system is available for automatic insertion.
 SPECIFICATIONS
Operating Temperature
-40℃~ +85℃
Voltage Range
4V ~ 100V.DC
Capacitance Range
0.1 ~ 470μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ8x6.2) ≤0.01CV or 3μA, whichever is greater.
(after 2 minutes application of rated voltage)
Dissipation Factor (tan δ)
Measurement frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
tanδ
(max)
Φ
4~Φ8x6.2
0.35
0.26
0.20
0.16
0.14
0.12
0.12
0.10
0.10
Stability At Low Temp.
Measurement frequency: 120Hz
Rated Voltage (V)
4
6.3
10
16
25
35
50~100
Impedance
Ratio
Φ
4~Φ8x6.2
Z-25℃/ Z+20℃
7
4
3
2
2
2
2
Z-40℃/ Z+20℃
15
8
6
4
4
3
3
Load Life
After 2000 hours application of rated voltage at 85℃, capacitors meet the characteristics
requirements listed below.
Capacitance Change
Within ± 20% of initial value (Within ± 25% of initial value for 4V)
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 85
for 1000 hours, they meet the specified value for
℃
load
life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed below.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
 DRAWING
#1 Voltage mark for 6.3V is [6V]
#2 Applicable to 6.3 x 7.7
(mm)
Φ
DxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
8x6.2
A
1.8
2.1
2.4
2.4
3.3
B
4.3
5.3
6.6
6.6
8.3
C
4.3
5.3
6.6
6.6
8.3
E±0.2
1.0
1.3
2.2
2.2
2.2
L
5.4
5.4
5.4
7.7
6.2
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JCS

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
JCS LSTD-JCS Datasheet
198Kb / 2P
Very flexible
JCS-3 LSTD-JCS-3 Datasheet
198Kb / 2P
Very flexible
JCS-5 LSTD-JCS-5 Datasheet
198Kb / 2P
Very flexible
JCS-7 LSTD-JCS-7 Datasheet
198Kb / 2P
Very flexible
JCS-9 LSTD-JCS-9 Datasheet
198Kb / 2P
Very flexible
More results

Similar Description - JCS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS4148 ANACHIP-ASS4148 Datasheet
133Kb / 3P
Designed for mounting on small surface.
Rev. 1.0 Aug 2, 2004
logo
Rohm
RLZ_SERIES ROHM-RLZ_SERIES Datasheet
820Kb / 4P
Designed for mounting on small surface areas(LLDS(LL-34))
logo
Coilcraft lnc.
MSS1246T-102ML COILCRAFT-MSS1246T-102ML Datasheet
221Kb / 2P
Designed for high ambient temperatures Magnetic shielding allows high density mounting
logo
Omron Electronics LLC
B3FS-1005 OMRON-B3FS-1005 Datasheet
282Kb / 4P
Surface-mounting Switches Ideal for High-density Mounting
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
Designed for surface mounting on high density circuit board
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
For high density mounting
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
Suitable for high-density PC Board mounting
logo
List of Unclassifed Man...
SIP-1A05 ETC2-SIP-1A05 Datasheet
651Kb / 3P
Hing density board mounting.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com