Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFS Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JFS
Description  Electrical apparatue use metalized film with precisely quality control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 3 Page - jb Capacitors Company

  JFS Datasheet HTML 1Page - jb Capacitors Company JFS Datasheet HTML 2Page - jb Capacitors Company JFS Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Motor Starting / Running Capacitor – JFS
 Dimensions (mm)
CAP
JFS-A,JFS-C,JFS-5,JFS-9
JFS-B,JFS-D,JFS-6,JFS-7
250VAC
450VAC
250VAC
450VAC
uF
L
T
H
L
T
H
L
T
H
L
T
H
0.5
26.5
12.5
21
26.5
12.5
21
26.5
12
20
25.5
12
20
1
26.5
12.5
21
32
14
24
26.5
12
20
32
14
25
2
32
14
24
37
17
28
32
14
25
37
17
28
2.5
32
14
24
37
17
28
32
14
25
37
17
28
3
32
14
24
38
20
30
32
14
25
38
20
30
5
37
17
28
47
20
34
37
17
28
47
20
34
6
37
17
28
47
23
34
37
17
28
47
23
34
8
47
17.5
33
47
28
34
47
18
32
47
28
34
10
47
17.5
33
47
32
40
47
18
32
47
30
40
12
47
23
34
47
32
43
47
23
34
--
--
--
15
47
25
34
--
--
--
47
25
34
--
--
--
20
47
28
37
--
--
--
47
28
37
--
--
--
CAP
JFS-13,16,17
JFS-11,12,18
JFS-15
JFS-14
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
uF
OD
H
OD
H
OD
H
OD
H
OD
H
OD
H
OD
H
OD
H
1
26
55
26
55
26
55
26
55
26
55
26
55
26
55
26
55
2
26
55
26
55
26
55
26
55
26
55
26
55
26
55
26
55
3
26
55
26
55
26
55
26
55
26
55
26
55
26
55
26
55
5
26
55
34
55
26
55
34
55
26
55
34
55
26
55
34
55
6
26
55
34
55
26
55
34
55
26
55
34
55
26
55
34
55
8
26
55
36
65
26
55
36
60
26
55
36
60
26
55
34
55
10
34
55
36
65
34
55
36
60
34
55
36
60
26
55
36
55
12
34
55
45
75
34
55
36
70
34
55
36
70
26
55
36
65
16
34
55
45
75
34
55
45
70
34
55
45
70
34
55
45
65
20
34
55
45
75
34
55
45
70
34
55
45
70
34
55
45
65
25
36
65
50
85
36
60
45
80
36
60
45
80
34
55
45
75
30
36
65
50
85
36
60
50
80
36
60
50
80
34
55
50
75
40
45
75
45
125
36
70
45
120
36
70
45
120
36
65
45
115
50
45
75
50
125
45
70
50
120
45
70
50
120
45
65
50
115
60
50
85
60
125
50
80
60
120
50
80
60
120
45
75
60
115
80
45
125
60
145
45
120
60
140
45
120
690
140
45
115
60
135
100
50
125
65
145
50
120
65
140
50
120
65
140
50
115
65
135
Please visit our website to get more update data, those data & specification are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com