Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFS Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFS
Description  Electrical apparatue use metalized film with precisely quality control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 1 Page - jb Capacitors Company

  JFS Datasheet HTML 1Page - jb Capacitors Company JFS Datasheet HTML 2Page - jb Capacitors Company JFS Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Motor Starting / Running Capacitor – JFS
 FEATURES
Electrical apparatue use metalized film with precisely quality control.
Low D.F. (dissipation factor), lower temperature rise.
High I.R. (insulation resistance) small size.
High safety & high reliability.
Durability and characteristics of frequency, etc.
 SPECIFICATIONS
Operating Condition
-25℃~+70℃
Capacitance Range
1uF~20uF(JFS-A~D、JFS-5~7、JFS-9)
1uF~100uF(JFS-11~18)
Capacitance Tolerance
J(±5%)、K(±10%)
Rated Voltage
250V 450V (AC)
Withxland Voltage
AC≥2UR 2S(lmax≤1.3 lnA)
Dissipation Factor
≤0.003 1KHz(JFS-A~D、JFS-5~7、JFS-9)
≤0.004 1KHz(JFS-11~18)
Insulation Resistance
≥3000S
JFS-A
JFS-B
JFS-C
JFS-D
JFS-1
JFS-2
JFS-3
JFS-4
JFS-5
JFS-6
JFS-7
JFS-8
JFS-9


Similar Part No. - JFS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0500-24 TDK-JFS0500-24 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0500-48 TDK-JFS0500-48 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0750-24 TDK-JFS0750-24 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0750-48 TDK-JFS0750-48 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
More results

Similar Description - JFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
04-Dec-03
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
logo
RFE international
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
logo
NIC-Components Corp.
NSMX NIC-NSMX Datasheet
53Kb / 3P
Wound Metalized PPS Film Capacitor Chips
logo
Suntan Capacitors
TS11 SUNTAN-TS11_17 Datasheet
251Kb / 1P
ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
TS11-11 SUNTAN-TS11-11_17 Datasheet
371Kb / 3P
ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
19-May-2021
logo
List of Unclassifed Man...
MDD ETC2-MDD Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com