Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMQ Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JMQ
Description  Warranty of 5000 hours at 105
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JMQ Datasheet(HTML) 2 Page - jb Capacitors Company

  JMQ Datasheet HTML 1Page - jb Capacitors Company JMQ Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Aluminum Electrolytic Capacitor – JMQ
 CASE CODE (mm)
L
D
53
64
65
75
83
96
100
105
109
115
121
130
131
36
A5
--
A6
--
A8
--
A10
--
--
--
A12
--
--
51
--
C7R
--
C8R
C8
C10R
C10
--
C11
C12R
X12
C13R
--
64
--
--
--
--
--
D10R
D10
D11
--
D12R
D12
D13R
--
77
--
--
--
--
--
E10R
--
--
--
E12R
E12
E13R
--
90
--
--
--
--
--
--
--
--
--
--
--
--
F13R
101
--
--
--
--
--
--
--
--
--
--
--
--
--
L
D
144
145
155
157
160
161
171
175
195
196
236
237
36
--
--
--
--
--
--
--
--
--
--
--
--
51
--
--
--
--
--
--
--
--
--
--
--
--
64
D15
--
D16R
--
--
--
--
--
D20R
--
--
--
77
E15
--
E16R
--
E16
--
E17R
--
E20R
--
--
--
90
--
F15
--
F16R
--
F16
F17R
--
--
F20R
F24R
--
101
--
--
--
--
--
--
--
G18R
--
G20R
--
G24R
 CASE CODE (mm)
WV
350
400
450
Cap
SV (V)
400
450
500
1000
C8R
3.9
C8R
3.9
C10R
4.2
1200
C8R
4.2
C10R
4.6
C12R
5.0
1500
C10R
5.2
C12R
5.6
C13R
5.9
1800
C10R
5.7
C13R
6.4
D10R
6.3
2200
C13R
7.1
D10R
6.9
D12R
7.4
2700
D10R
7.7
D12R
8.2
D13R
8.6
E12R
8.7
3300
D12R
9.1
D13R
9.5
D16R
10.2
E13R
10.1
3900
D13R
10.4
D16R
11.1
D20R
12.3
E12R
10.4
4700
D16R
12.2
D20R
13.4
E16R
12.9
E12R
11.5
E13R
12.0
5600
D20R
14.6
D20R
14.6
E20R
15.4
E13R
13.1
E16R
14.0
F16R
14.9
6800
E16R
15.5
E16R
16.5
F20R
18.0
8200
F16R
18.1
F16R
18.1
F20R
19.8
10000
F16R
19.9
F20R
21.7
F24R
23.6
12000
F20R
23.8
F24R
25.8
--
--
15000
F24R
28.8
--
--
--
--
Ripple Current (Arms) 105℃ 120Hz
Case code
Please visit our website to get more update data, those data & specification are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com