Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMQ Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JMQ
Description  Warranty of 5000 hours at 105
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JMQ Datasheet(HTML) 1 Page - jb Capacitors Company

  JMQ Datasheet HTML 1Page - jb Capacitors Company JMQ Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Aluminum Electrolytic Capacitor – JMQ
 FEATURES
Warranty of 5000 hours at 105℃
 SPECIFICATIONS
Items
Performance Characteristics
Rated Voltage Range (V)
350V, 400V, 450V
Operating Temperature Range (℃)
-40℃~+105℃
Capacitance Tolerance (20℃,120Hz)
±20%
Dissipation Factor (20℃,120Hz)
0.15
Leakage current (μA)
0.01CV or 5mA, whichever is smaller. (at 20 ,after 5 minutes)
℃
C: Nominal capacitance (μF) V: Rated voltage(V)
Load Life (+105℃)
Time
5000 hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±15% of the initial value
Dissipation Factor
Not more than 175% of the specified value.
Shelf Life (+85℃)
Time
1000 hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±15% of the initial value
Dissipation Factor
Not more than 175% of the specified value.
After Test: UR to be applied for 30 minutes, 12 to 24 hours before measurement
 DIMENSIONS (mm)
 MULTIPLIER FOR RIPPLE CURRENT
ΦD
51
64
77
90
F
22
28.6
32
32
Frequency coefficient
Frequency(Hz)
50,60
120
300
1K
≥10K
Factor
0.7
1.0
1.1
1.3
1.4
Temperature coefficient
Temperature(℃)
+40
+60
+70
+85
+1085
Factor
3.8
3.0
2.5
2.0
1.00
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JMQ

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
JMQSS-040E-12 OMEGA-JMQSS-040E-12 Datasheet
261Kb / 1P
Quick Disconnect Thermocouples
JMQSS-040E-6 OMEGA-JMQSS-040E-6 Datasheet
261Kb / 1P
Quick Disconnect Thermocouples
JMQSS-040G-12 OMEGA-JMQSS-040G-12 Datasheet
261Kb / 1P
Quick Disconnect Thermocouples
JMQSS-040G-6 OMEGA-JMQSS-040G-6 Datasheet
261Kb / 1P
Quick Disconnect Thermocouples
JMQSS-040U-12 OMEGA-JMQSS-040U-12 Datasheet
261Kb / 1P
Quick Disconnect Thermocouples
More results

Similar Description - JMQ

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com