Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSS Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JSS
Description  For industrial equipment control etc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSS Datasheet(HTML) 2 Page - jb Capacitors Company

  JSS Datasheet HTML 1Page - jb Capacitors Company JSS Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Aluminum Electrolytic Capacitor – JSS
STANDARD RATING
WV (V)
/
Cap (uF)
16
25
35
50
60
80
100
470
--
--
--
--
--
--
22x30
680
--
--
--
--
--
22x30
22x40
1000
--
--
--
--
22x30
22x40
25x40
1500
--
--
--
22x30
22x40
22x40
25x50
2200
--
--
22x30
22x40
25x40
25x50
30x50
3300
--
22x30
22x40
25x40
25x50
30x50
35x50
4700
22x30
22x40
25x40
25x50
30x50
35x50
35x63
6800
22x30
25x40
25x50
30x50
30x50
35x63
35x100
10000
25x40
25x50
30x50
35x63
35x80
35x100
--
15000
30x50
30x63
35x63
35x80
35x100
--
--
22000
30x63
35x63
35x80
35x100
--
--
--
33000
35x63
35x80
40x100
--
--
--
--
47000
35x80
40x100
--
--
--
--
--
68000
40x100
--
--
--
--
--
--
WV (V)
/
Cap (uF)
160
200
250
315
350
400
450
33
--
--
--
--
--
22x30
22x30
47
--
--
--
22x30
22x30
22x40
22x40
68
--
--
22x30
22x40
22x40
25x40
25x40
100
--
22x30
22x40
25x40
25x40
25x50
30x50
150
22x30
22x40
25x40
25x50
25x50
30x50
35x50
220
22x40
25x40
25x50
30x50
30x50
35x50
35x63
330
25x50
25x50
30x50
35x50
35x50
35x63
35x80
470
30x50
30x50
35x50
35x63
35x80
35x100
40x100
680
35x50
35x50
35x63
35x80
35x100
40x100
--
1000
35x63
35x63
35x80
40x100
40x100
--
--
1500
35x80
35x100
40x100
--
--
--
--
2200
40x100
40x100
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com