Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSS Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JSS
Description  For industrial equipment control etc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSS Datasheet(HTML) 1 Page - jb Capacitors Company

  JSS Datasheet HTML 1Page - jb Capacitors Company JSS Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Aluminum Electrolytic Capacitor – JSS
FEATURES
Standard product
For industrial equipment control etc.
SPECIFICATIONS
Items
Performance Characteristics
Operating Temperature Range (℃)
-40℃~+85℃ (16V~100V), -25℃~+85℃ (160V~450V)
Rated Voltage Range (V)
16℃~450℃
Capacitance Range (μF)
33~68000
Capacitance Tolerance (25℃, 120Hz)
-10%~+50%
Leakage Current (μA)
3CV(μA) Max (25℃, after 5 minutes)
C: Nominal Capacitance (μF) V: Rated Voltage (V)
Dissipation Factor (25℃, 120Hz)
Rated Voltage (V)
16~25
35~63
80~350
400~450
Cap (μF)
33000~
10000
15000~
33000
47000~
68000
1000~
10000
15000~
33000
47~
10000
33~
470
Tanδ (Max)
0.35
0.50
0.75
0.25
0.35
0.20
0.25
Temperature Stability (120Hz)
Rated Voltage (V)
16~100
160~250
315~450
Z-25℃/Z+20℃
3
3
8
Impedance
Ratio
Z-40℃/Z+20℃
12
--
--
Load Life (85℃)
Time
1000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (85℃)
Time
1000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
After test: UR to be applied for 60 minutes, 24 to 48 hours before measurement.
DIMENSIONS (mm)
MULTIPLIER FOR RIPPLE CURRENT
ΦD
22
25
30
35
40
F
8.5
10
14
14
14
H
10
12
12
12
12
Frequency coefficient
Frequency(Hz)
Rated Voltage(V)
50
60
120
1K
10K
≥50K
16~100
0.88
0.90
1.00
1.15
1.15
1.15
160~250
0.77
0.80
1.00
1.50
1.60
1.63
315~450
0.88
0.90
1.00
1.15
1.15
1.15
Temperature coefficient
Temperature(℃)
+20
+45
+70
+85
Factor
1.50
1.48
1.30
1.00
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JSS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
JSS KEXIN-JSS Datasheet
39Kb / 2P
Silicon Switching Diode Array
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
SMD Spread Spectrum Crystal Oscillator
logo
Vishay Siliconix
JSST108 VISHAY-JSST108 Datasheet
73Kb / 6P
N-Channel JFETs
04-Jun-01
JSST111 VISHAY-JSST111 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
JSST112 VISHAY-JSST112 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
More results

Similar Description - JSS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS30KM-03 MITSUBISHI-FS30KM-03 Datasheet
49Kb / 4P
Motor control, Lamp control, Solenoid control DC-DC converter, etc.
logo
Chinfa Electronics Ind....
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
Domestic appliances, office equipment etc
logo
NIHON DEMPA KOGYO
NP3225SC NDK-NP3225SC Datasheet
628Kb / 1P
For communication equipment for ISDN, SDH/SONET, WiMAX, etc. and Base-stations
logo
SUNNY Computer Technolo...
YSDN150 SUNNY-YSDN150 Datasheet
276Kb / 6P
The series can widely used for industrial automation & control systems, varied equip- ments etc.
YSDN240 SUNNY-YSDN240 Datasheet
244Kb / 6P
The series can widely used for industrial automation & control systems, varied equip- ments etc.
YSDN480 SUNNY-YSDN480 Datasheet
280Kb / 6P
The series can widely used for industrial automation & control systems, varied equip- ments etc.
YSDN75 SUNNY-YSDN75 Datasheet
237Kb / 6P
The series can widely used for industrial automation & control systems, varied equip- ments etc.
logo
Guangdong Youtai Semico...
AQXX-02HTG UMW-AQXX-02HTG Datasheet
844Kb / 7P
Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com