Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW2000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW2000
Description  GaAs SPDT Switch DC - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW2000 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW2000 Datasheet HTML 1Page - Tyco Electronics MASW2000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BondPad Dimensions
Inches (mm)
RF:0.004 x 0.004
(0.100 x 0.100)
RF1, RF2:0.009 x 0.009
(0.225 x 0.225)
A1, A2, B1, B2:0.004 x 0.004
(0.100 x 0.100)
GND1, GND2:0.009 x 0.004
(0.225 x 0.105)
RL1, RL2:0.004 x 0.005
(0.100 x 0.125)
Handling Precautions
Permanent damage to the MASW2000 may occur if the following
precautions are not adhered to:
A. Cleanliness — The MASW2000 should be handled in a clean
environment. DO NOT attempt to clean unit after the
MASW2000 is installed.
B. Static Sensitivity — All chip handling equipment and personnel
should be DC grounded.
C. Transient — Avoid instrument and power supply transients
while bias is applied to the MASW2000. Use shielded signal
and bias cables to minimize inductive pick-up.
D. Bias —Apply voltage to either control port A1/B2 or A2/B1
only when the other is grounded. Neither port should be
allowed to ”float”.
E. General Handling — It is recommended that the MASW2000
chip be handled along the long side of the die with a sharp
pair of bent tweezers. DO NOT touch the surface of the chip
with fingers or tweezers.
Mounting
The MASW2000 is back-metallized with Pd/Ni/Au (100/1,000/
10,000Å) metallization. It can be die-mounted with AuSn eutectic
preforms or with thermally conductive epoxy. The package sur-
face should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work surface
temperature of approximately 255°C and a tool temperature of
265°C. When hot 90/10 nitrogen/hydrogen gas is applied, tool
tip temperature should be approximately 290°C.
B. DO NOT expose the MASW2000 to a temperature greater
than 320°C for more than 20 seconds. No more than 3
seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the MASW2000
into position. A thin epoxy fillet should be visible around the
perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used but is not required.
Wire Bonding
A. Ball or wedge bond with 1.0 mil diameter pure gold wire.
Thermosonic wirebonding with a nominal stage temperature
of 150°C and a ball bonding force of 40 to 50 grams or wedge
bonding force of 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the minimum levels to
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminated on
the package. GND bonds should be as short as possible; at
least three and no more than four bond wires from ground
pads to package are recommended.
Handling, Mounting, Bonding Procedure
MASW2000
Truth Table***
Control Inputs
Condition Of Switch
A1/B2
A2/B1
RF1
RF2
VINHi
VINLow
On
Off
VINLow
VINHi
Off
On
*** For normal SPDT operation A1 is connected to B2 and A2 is connected to B1.
Maximum Ratings
A.Control Voltage (A1/B2 or A2/B1):-8.5 Vdc
B. Max Input RF Power: +34 dBm
C. Storage Temperature:-65°C to +175°C
D. Maximum Operating Temperature:+175°C
Die Size
Inches (mm)
0.056 x 0.056 x 0.010
(1.40 x 1.40 x 0.25)
V 2.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com