Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW2000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW2000
Description  GaAs SPDT Switch DC - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW2000 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW2000 Datasheet HTML 1Page - Tyco Electronics MASW2000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPDT Switch
DC - 3 GHz
MASW2000
Guaranteed Specifications** (-55°C to +85°C)
Frequency Range
DC - 3.0 GHz
Insertion Loss
DC–0.5 GHz
0.5 dB Max
DC–1.0 GHz
0.6 dB Max
DC–2.0 GHz
0.8 dB Max
DC–3.0 GHz
1.0 dB Max
VSWR
Relective◊
DC–0.5 GHz
1.20:1 Max
DC–1.0 GHz
1.20:1 Max
DC–2.0 GHz
1.20:1 Max
DC–3.0 GHz
1.40:1 Max
Absorptive◊◊
DC–2.0 GHz
1.20:1 Max
DC–3.0 GHz
1.40:1 Max
Isolation
DC–0.5 GHz
43 dB Min
DC–1.0 GHz
35 dB Min
DC–2.0 GHz
27 dB Min
DC–3.0 GHz
24 dB Min
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
tRISE, tFALL (10/90% or 90/10% RF)
22 ns Typ
tON, tOFF (50% CTL to 90/10% RF)
27 ns Typ
Transients (In-Band)
25 mV Typ
Input Power for 1dB Compression
Control Voltages (Vdc)
0/-5
0/-8
0.05 GHz
+24 dBm
+26 dBm Typ
0.5–3.0 GHz
+26 dBm
+32 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.05 GHz
+63
+43
dBm Typ
0.5–3.0 GHz
+80
+53
dBm Typ
Control Voltage (Complementary Logic)
VINLow
0 to -0.2 V @ 5 uA Max
VINHi
-5 V @ 60 uA Typ to -8 V @500 uA Max
Die Size
0.056" x 0.056" x 0.010"
1.40mm x 1.40mm x 0.25mm)
Features
Low Insertion Loss, 0.5 dB Typical @ 2 GHz
Fast Switching Speed, 22 ns Typical
Reflective/Absorptive Configuration
Ultra Low DC Power Consumption
Schematic
Typical Performance @ +25°C***
**
All specifications apply with 50
Ω impedance connected to all RF ports, 0 and 0
and -5 Vdc control voltages.
*** Loss changes 0.0025 dB/°C (From -55°C to +85°C)
◊ For relective operation RL1/RL2 are unconnected.
◊◊ For absorptive operation RL1 connects to RF1 and RL2 connects to RF2.
q
q
q
q


Similar Part No. - MASW2000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW2000 MA-COM-MASW2000 Datasheet
58Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
MASW2000 MA-COM-MASW2000 Datasheet
58Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch
More results

Similar Description - MASW2000

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com