Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1551F-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1551F-R1
Description  800mhZ band mixer gAaS mmic
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1551F-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1551F-R1 Datasheet HTML 1Page - New Japan Radio NJG1551F-R1 Datasheet HTML 2Page - New Japan Radio NJG1551F-R1 Datasheet HTML 3Page - New Japan Radio NJG1551F-R1 Datasheet HTML 4Page - New Japan Radio NJG1551F-R1 Datasheet HTML 5Page - New Japan Radio NJG1551F-R1 Datasheet HTML 6Page - New Japan Radio NJG1551F-R1 Datasheet HTML 7Page - New Japan Radio NJG1551F-R1 Datasheet HTML 8Page - New Japan Radio NJG1551F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJG1551F
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C, Zs=Zl=50
Ω)
PARAMETERS
SYMBOL
CONDITIONS
RATINGS
UNITS
Mixer Supply Voltage
VMIX
5
V
Local Amplifier Supply
Voltage
VLO
5
V
Mixer RF Input Power
PRFIN
VMIX=2.7V, VLO=2.7V
10
dBm
Mixer LO Input Power
PLOIN
VMIX=2.7V, VLO=2.7V
10
dBm
Power Dissipation
PD
150
mW
Operating Temp.
Topr
-30~+85
°C
Storage Temp.
Tstg
-40~+150
°C
nRECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Mixer Supply Voltage
VMIX
2.5
2.7
4.5
V
Local Amplifier Supply Voltage
VLO
2.5
2.7
4.5
V
nELECTRICAL CHARACTERISTICS
(Ta=25°C, VMIX=2.7V, VLO=2.7V, fIF=130MHz, PLO=-10dBm)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Mixer Current
IMIX
PRF=OFF, PLO=OFF
-
5.0
7.0
mA
Local Amplifier
Current
ILO
PRF=OFF, PLO=OFF
-
2.0
3.2
mA
Conversion Gain
GC
fRF=820MHz, PRF=-30dBm
fLO=690MHz
9.5
13.0
-
dB
Input 3rd Order
Intercept Point
IIP3
fRF=820.0MHz+820.1MHz
fLO=690MHz
-
-1.0
-
dBm
Noise Figure
NF
fRF=820MHz
fLO=690MHz
-
5.0
6.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com