Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1551F-R1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1551F-R1
Description  800mhZ band mixer gAaS mmic
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1551F-R1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1551F-R1 Datasheet HTML 5Page - New Japan Radio NJG1551F-R1 Datasheet HTML 6Page - New Japan Radio NJG1551F-R1 Datasheet HTML 7Page - New Japan Radio NJG1551F-R1 Datasheet HTML 8Page - New Japan Radio NJG1551F-R1 Datasheet HTML 9Page - New Japan Radio NJG1551F-R1 Datasheet HTML 10Page - New Japan Radio NJG1551F-R1 Datasheet HTML 11Page - New Japan Radio NJG1551F-R1 Datasheet HTML 12Page - New Japan Radio NJG1551F-R1 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NJG1551F
- 10 -
nAPPLICATION CIRCUIT 2 (Application 2)
3
1
2
5
6
4
LOIN
LO
RF
RFIN
GND
BPC
IFOUT
VLO
IF
VMIX
VLO
L1
L2
C1
L5
L6
L4
C5
C2
C6
C7 C8
R1
C3
C4
Zo=50
Ω
Zo=50
Ω
Zo=50
Ω
L3
800MHz BAND
Lower LOCAL
Upper
LOCAL
PART ID
fLO=796.12MHz
fIF=85.38MHz
fLO=980MHz
fIF=130MHz
COMMENT
L1
39nH
33nH
TAIYO-YUDEN (HK1608)
L2
22nH
27nH
TAIYO-YUDEN (HK1608)
L3
27nH
18nH
TAIYO-YUDEN (HK1608)
L4
27nH
22nH
TAIYO-YUDEN (HK1608)
L5
100nH
82nH
TAIYO-YUDEN (HK1608)
L6
47nH
56nH
TAIYO-YUDEN (HK1608)
C1
470pF
470pF
MURATA (GRM39)
C2
24pF
11pF
MURATA (GRM39)
C3
100pF
100pF
MURATA (GRM39)
C4
1000pF
1000pF
MURATA (GRM39)
C5
1000pF
1000pF
MURATA (GRM39)
C6
10pF
10pF
MURATA (GRM39)
C7
100pF
100pF
MURATA (GRM39)
C8
1000pF
1000pF
MURATA (GRM39)
R1
100
Ω
100
Ω
TAMA Electronics (CRG16G)
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com