Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1552F-R2 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1552F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1552F-R2 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1552F-R2 Datasheet HTML 7Page - New Japan Radio NJG1552F-R2 Datasheet HTML 8Page - New Japan Radio NJG1552F-R2 Datasheet HTML 9Page - New Japan Radio NJG1552F-R2 Datasheet HTML 10Page - New Japan Radio NJG1552F-R2 Datasheet HTML 11Page - New Japan Radio NJG1552F-R2 Datasheet HTML 12Page - New Japan Radio NJG1552F-R2 Datasheet HTML 13Page - New Japan Radio NJG1552F-R2 Datasheet HTML 14Page - New Japan Radio NJG1552F-R2 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NJG1552F
- 11 -
nTYPICAL CHARACTERISTICS (Continued)
Condition
fIF=240MHz
fRF=1900MHz, PRF=-30dBm
fLO=1660MHz, PLO=-10dBm
Condition
fIF=240MHz
fRF=1900MHz
fLO=1660MHz, PLO=-10dBm
Condition
fIF=240MHz
fRF1=1900.0MHz, PRF=-25dBm
fRF2=1900.1MHz
fLO=1660MHz, fLO=-10dBm
IIP3=
3IF-IM3
2
-Gc
@PRF=-25dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com