Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1552F-R2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1552F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1552F-R2 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1552F-R2 Datasheet HTML 1Page - New Japan Radio NJG1552F-R2 Datasheet HTML 2Page - New Japan Radio NJG1552F-R2 Datasheet HTML 3Page - New Japan Radio NJG1552F-R2 Datasheet HTML 4Page - New Japan Radio NJG1552F-R2 Datasheet HTML 5Page - New Japan Radio NJG1552F-R2 Datasheet HTML 6Page - New Japan Radio NJG1552F-R2 Datasheet HTML 7Page - New Japan Radio NJG1552F-R2 Datasheet HTML 8Page - New Japan Radio NJG1552F-R2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NJG1552F
- 1 -
1.5GHz/1.9GHz MIXER GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1552F is a mixer GaAs MMIC featured low power
consumption, high conversion gain and low noise figure.
This mixer includes a local amplifier, and ideally
suitable for 1.5/1.9Hz band digital mobile phone and
PHS handsets.
The very small MTP package is adopted.
nFEATURES
lLow voltage operation
+2.7V
lLow current consumption
4.5mA typ.
lHigh conversion gain
8dB typ. @fRF=1.489GHz, PLO=-10dBm, PRF=-30dBm
5dB typ. @fRF=1.9GHz, PLO=-10dBm, PRF=-30dBm
lLow noise figure
6dB typ. @fRF=1.489GHz, PLO=-10dBm
9dB typ. @fRF=1.9GHz, PLO=-10dBm
lPackage
MTP6 (Mount Size: 2.8x2.9x1.2mm)
nPIN CONFIGURATION
NJG1552F
Pin Connection
1. IFOUT
2. BPC
3. VLO
4. LOIN
5. GND
6. RFIN
F Type
(Top View)
1
2
3
6
5
4


Similar Part No. - NJG1552F-R2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1550F-C1 NJRC-NJG1550F-C1 Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1550F-C2 NJRC-NJG1550F-C2 Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1550F-C3 NJRC-NJG1550F-C3 Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1550F-C4 NJRC-NJG1550F-C4 Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
More results

Similar Description - NJG1552F-R2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
1.5/1.9GHz LNA GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
1.5/1.9GHz BAND MIXER GaAs MMIC
logo
Marki Microwave
MMIQ-0626H MARKIMICROWAVE-MMIQ-0626H Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1037H MARKIMICROWAVE-MMIQ-1037H Datasheet
1Mb / 25P
Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com