Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3013 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFSA3013
Description  75 VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3013 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFSA3013 Datasheet HTML 7Page - RF Micro Devices RFSA3013 Datasheet HTML 8Page - RF Micro Devices RFSA3013 Datasheet HTML 9Page - RF Micro Devices RFSA3013 Datasheet HTML 10Page - RF Micro Devices RFSA3013 Datasheet HTML 11Page - RF Micro Devices RFSA3013 Datasheet HTML 12Page - RF Micro Devices RFSA3013 Datasheet HTML 13Page - RF Micro Devices RFSA3013 Datasheet HTML 14Page - RF Micro Devices RFSA3013 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 of 17
RFSA3013
DS120419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Negative Attenuation Slope Performance
Note: Data includes PCB and connector losses
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Voltage Control (V)
Relative Insertion Phase versus Voltage Control
RFSA3013, V
DD=5V, Temp=25° C
200MHz
500MHz
1000MHz
-20
0
20
40
60
80
100
120
-40
-35
-30
-25
-20
-15
-10
-5
0
Insertion Loss (dB)
Relative Insertion Phase versus Insertion Loss
RFSA3013, V
DD=5V, Temp=25° C
200MHz
500MHz
1000MHz
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Voltage Control (V)
Insertion Loss Relative to +25
°C
RFSA3013, RF 1GHz, V
DD=5V
85°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com