Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3013 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSA3013
Description  75 VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3013 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFSA3013 Datasheet HTML 4Page - RF Micro Devices RFSA3013 Datasheet HTML 5Page - RF Micro Devices RFSA3013 Datasheet HTML 6Page - RF Micro Devices RFSA3013 Datasheet HTML 7Page - RF Micro Devices RFSA3013 Datasheet HTML 8Page - RF Micro Devices RFSA3013 Datasheet HTML 9Page - RF Micro Devices RFSA3013 Datasheet HTML 10Page - RF Micro Devices RFSA3013 Datasheet HTML 11Page - RF Micro Devices RFSA3013 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8 of 17
RFSA3013
DS120419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Negative Attenuation Slope Performance
Note: Data includes PCB and connector losses
-35
-30
-25
-20
-15
-10
-5
0
00.5
11.5
22.5
33.5
4
Voltage Control (V)
Input Return Loss versus Voltage Control
RFSA3013, RF 1GHz, V
DD=5V
25°C
-40°C
85°C
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Voltage Control (V)
Output Return Loss versus Voltage Control
RFSA3013, RF 1GHz, V
DD=5V
25°C
-40°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Voltage Control (V)
Insertion Loss versus Voltage Control
RFSA3013, RF 1GHz, V
DD=5V
25°C
-40°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Insertion Loss versus Frequency
RFSA3013, V
DD=5V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
VC=3.0V
VC=3.5V
VC=4.0V
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Input Return Loss versus Frequency
RFSA3013, V
DD=5V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
VC=3.0V
VC=3.5V
VC=4.0V
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Output Return Loss versus Frequency
RFSA3013, V
DD=5V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
VC=3.0V
VC=3.5V
VC=4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com