Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3043 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFSA3043
Description  75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3043 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFSA3043 Datasheet HTML 10Page - RF Micro Devices RFSA3043 Datasheet HTML 11Page - RF Micro Devices RFSA3043 Datasheet HTML 12Page - RF Micro Devices RFSA3043 Datasheet HTML 13Page - RF Micro Devices RFSA3043 Datasheet HTML 14Page - RF Micro Devices RFSA3043 Datasheet HTML 15Page - RF Micro Devices RFSA3043 Datasheet HTML 16Page - RF Micro Devices RFSA3043 Datasheet HTML 17Page - RF Micro Devices RFSA3043 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140619
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
14 of 18
RFSA3043
Typical Application Schematic 5MHz to 3000MHz Application Circuit
Evaluation Board Bill of Materials (BOM) 5MHz to 1200MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Voltage Controlled Attenuator, VCA, 5V
U1
RFMD
RFSA3043
CONN, F FEM EDGE MOUNT, 75
Ω,
0.065”
J1-J4
Genesis Technology USA
GT20-300204
CONN, HDR, ST, 4-
PIN, 0.100”
P1
Samtec, Inc.
TSW-104-08-S-S
SA3043-410 Evaluation Board
DDI
SA3043-410(B)
CAP, 1000pF, 10%, 25V, X7R, 0402
C3
Murata Electronics
GRM155R71H102KA01D
CAP, 1µF, 10%, 16V, X7R, 1206
C4
Murata Electronics
GRM31MR71E105KC01L
RES, 0
Ω, 0402 KAMAYA
L1-L2
Kamaya, Inc.
RMC1/16SJPTH
DNP
C1-C2, C5
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com