Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3043 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA3043
Description  75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3043 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA3043 Datasheet HTML 1Page - RF Micro Devices RFSA3043 Datasheet HTML 2Page - RF Micro Devices RFSA3043 Datasheet HTML 3Page - RF Micro Devices RFSA3043 Datasheet HTML 4Page - RF Micro Devices RFSA3043 Datasheet HTML 5Page - RF Micro Devices RFSA3043 Datasheet HTML 6Page - RF Micro Devices RFSA3043 Datasheet HTML 7Page - RF Micro Devices RFSA3043 Datasheet HTML 8Page - RF Micro Devices RFSA3043 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS160619
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 18
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VC)
-0.5 to +6
V
Supply Voltage (VDD)
-0.5 to +6
V
Mode Pin Voltage (MODE)
-0.5 to +6
V
RF Input Power
+30
dBm
Storage Temperature Range
-65 to +150
°C
ESD Rating - Human Body Model (HBM)
2000 (Class 2)
V
Moisture Sensitivity Level
MSL1
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
(RF Input Power Handling De-rates Above 85°C)
-40
+105
°C
Operating Junction Temperature
+125
°C
Supply Voltage
3
5
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Supply Current
2
mA
Thermal Resistance
35
°C/W
RF input must be RFIN pin
RF Input Power
27
dBm
RF Performance
Frequency Range
5
3000
MHz
Minimum Insertion Loss
1.5
2.5
dB
Gain Control Range
30
35
dB
Gain versus Temperature
1.5
dB
Peak to peak gain variation over temperature for fixed control voltage
Return Loss
15
dB
Relative Phase
5
Deg
Insertion phase at 15dB attenuation relative to minimum attenuation
Input 1dB Compression Point
30
dBm
Input IP3
50
dBm
PIN + (IM3dBc/2)
Input IP2
80
dBm
PIN + IM2dBc, IM2 is F1 + F2
Input IH2
85
dBm
PIN + H2dBc, H2 is second harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com