Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFSA3413
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3413 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFSA3413 Datasheet HTML 6Page - RF Micro Devices RFSA3413 Datasheet HTML 7Page - RF Micro Devices RFSA3413 Datasheet HTML 8Page - RF Micro Devices RFSA3413 Datasheet HTML 9Page - RF Micro Devices RFSA3413 Datasheet HTML 10Page - RF Micro Devices RFSA3413 Datasheet HTML 11Page - RF Micro Devices RFSA3413 Datasheet HTML 12Page - RF Micro Devices RFSA3413 Datasheet HTML 13Page - RF Micro Devices RFSA3413 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
12 of 14
RFSA3413
Evaluation Board Programming Using USB Interface
Parallel Mode
Refer to the Control Bit Generator (CBG) Software Reference Manual for detailed instructions on how to setup the
software for use. Apply the supply voltage to P3
. Select ‘RFSA3413’ from the RFMD Parts List of the CBG user
interface. Set the attenuation value using the CBG user interface. The attenuator is set to the desired state and
measurements can be taken.
Evaluation Board Programming Using External Bus
Parallel Mode
This configuration allows the user to control the attenuator through the P1 connector using an external harness.
Remove the USB interface if it is currently installed on the evaluation board. Connect a user-supplied harness to the
P1 connector. The parallel bus signal names for P1 are indicated on the evaluation board. Cross reference for device
pin names to P1 connector signals is as follows: C1 = D2, C2 = D3, C4 = D4, C8 = D5. Apply the supply voltage to P3.
Send the appropriate signals onto the parallel bus lines in accordance with the Parallel Interface Attenuation Truth
Table. The attenuator is set to the desired state and measurements can be taken.
Default Power-up State
The default attenuation state is minimum (0dB) when supply voltage is applied to the attenuator. If a different
attenuation state is desired during power up, this can be accomplished by applying signals according to the Parallel
Interface Attenuation Truth Table. The attenuator will power up to the state applied to the parallel bus during turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com