Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3413
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3413 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3413 Datasheet HTML 1Page - RF Micro Devices RFSA3413 Datasheet HTML 2Page - RF Micro Devices RFSA3413 Datasheet HTML 3Page - RF Micro Devices RFSA3413 Datasheet HTML 4Page - RF Micro Devices RFSA3413 Datasheet HTML 5Page - RF Micro Devices RFSA3413 Datasheet HTML 6Page - RF Micro Devices RFSA3413 Datasheet HTML 7Page - RF Micro Devices RFSA3413 Datasheet HTML 8Page - RF Micro Devices RFSA3413 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 14
RFSA3413
RFSA3413
5MHz to 6000MHz, Digital Step Attenuator
The
RFMD’s RFSA3413 is a 4-bit digital step attenuator
(DSA) that features high linearity over the entire 15dB gain
control range with 1.0dB steps. The RFSA3413 uses parallel
control interface. The RFSA3413 has a low insertion loss of
1.4dB at 2GHz. Patent pending circuit architecture provides
overshoot-free transient switching performance. The
RFSA3413 is available in a 3mm x 3mm QFN package.
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
4-BIT DSA
LOGIC CONTROL
VDD
RFIN
N/C
N/C
N/C
RFOUT
N/C
N/C
Functional Block Diagram
Ordering Information
RFSA3413SQ
Sample bag with 25 pieces
RFSA3413SR
7" Reel with 100 pieces
RFSA3413TR7
7" Reel with 2500 pieces
RFSA3413PCK-410
5MHz to 6000MHz PCBA with 5-piece sample bag
Package: QFN, 16-pin,
3.0mm x 3.0mm x 0.85mm
Features
■
4-Bit, 15dB Range, 1.0dB Step
■
Patent Pending Circuit Architecture
■
Overshoot-free Transient
Switching Performance
■
Frequency Range 5MHz to
6000MHz
■
High Linearity, IIP3 >55dBm
■
Parallel Control Interface
■
Fast Switching Speed, <120nsec
Typical
■
Single Supply 3V to 5V Operation
■
3V CMOS Logic Compatible
■
RF Pins Have No DC Voltage, Can
be DC Grounded Externally
Applications
■
2G Through 4G Base Stations
■
Point-to-Point
■
WiMax/WiFi
■
Test Equipment
RFSA3413


Similar Part No. - RFSA3413

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSA3413 QORVO-RFSA3413 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
RFSA3413PCK-410 QORVO-RFSA3413PCK-410 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
RFSA3413TR7 QORVO-RFSA3413TR7 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
More results

Similar Description - RFSA3413

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com